Electronic Components Datasheet Search |
|
X9241AWSIZ Datasheet(PDF) 3 Page - Intersil Corporation |
|
X9241AWSIZ Datasheet(HTML) 3 Page - Intersil Corporation |
3 / 17 page 3 FN8164.7 August 17, 2015 Pin Descriptions Host Interface Pins Serial Clock (SCL) The SCL input is used to clock data into and out of the X9241A. Serial Data (SDA) SDA is a bidirectional pin used to transfer data into and out of the device. It is an open drain output and may be wire- ORed with any number of open drain or open collector outputs. An open drain output requires the use of a pull-up resistor. For selecting typical values, refer to the guidelines for calculating typical values on the bus pull-up resistors graph. Address The Address inputs are used to set the least significant 4-bits of the 8-bit slave address. A match in the slave address serial data stream must be made with the Address input in order to initiate communication with the X9241A. Potentiometer Pins VH/RH(VH0/RH0 TO VH3/RH3), VL/RL (VL0/RL0 TO VL3/RL3) The RH and RL inputs are equivalent to the terminal connections on either end of a mechanical potentiometer. VW/RW (VW0/RW0 TO VW3/RW3) The wiper outputs are equivalent to the wiper output of a mechanical potentiometer. Pinout X9241A (20 LD DIP, SOIC, TSSOP) TOP VIEW Principles of Operation The X9241A is a highly integrated microcircuit incorporating four resistor arrays, their associated registers and counters and the serial interface logic providing direct communication between the host and the XDCP potentiometers. Serial Interface The X9241A supports a bidirectional bus oriented protocol. The protocol defines any device that sends data onto the bus as a transmitter and the receiving device as the receiver. The device controlling the transfer is a master and the device being controlled is the slave. The master will always initiate data transfers and provide the clock for both transmit and receive operations. Therefore, the X9241A will be considered a slave device in all applications. Clock and Data Conventions Data states on the SDA line can change only during SCL LOW periods (tLOW). SDA state changes during SCL HIGH are reserved for indicating start and stop conditions. Start Condition All commands to the X9241A are preceded by the start condition, which is a HIGH to LOW transition of SDA while SCL is HIGH (tHIGH). The X9241A continuously monitors the SDA and SCL lines for the start condition and will not respond to any command until this condition is met. Stop Condition All communications must be terminated by a stop condition, which is a LOW to HIGH transition of SDA while SCL is HIGH. Acknowledge Acknowledge is a software convention used to provide a positive handshake between the master and slave devices on the bus to indicate the successful receipt of data. The transmitting device, either the master or the slave, will release the SDA bus after transmitting 8-bits. The master generates a ninth clock cycle and during this period the receiver pulls the SDA line LOW to acknowledge that it successfully received the 8-bits of data. See Figure 7. The X9241A will respond with an acknowledge after recognition of a start condition and its slave address and once again after successful receipt of the command byte. If the command is followed by a data byte the X9241A will respond with a final acknowledge. Pin Names SYMBOL DESCRIPTION SCL Serial Clock SDA Serial Data A0 to A3 Address VW0/RW0 A0 A2 VH1/RH1 SDA VSS 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC A1 A3 SCL X9241A VL0/RL0 VH0/RH0 VW1/RW1 VL1/RL1 VW3/RW3 VL3/RL3 VH3/RH3 VW2/RW2 VL2/RL2 VH2/RH2 VH0/RH0 to VH3/RH3, VL0/RL0 to VL3/RL3 Potentiometer Pins (terminal equivalent) VW0/RW0 to VW3/RW3 Potentiometer Pins (wiper equivalent) Pin Names SYMBOL DESCRIPTION X9241A |
Similar Part No. - X9241AWSIZ |
|
Similar Description - X9241AWSIZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |