Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9251US24IZ-2.7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9251US24IZ-2.7
Description  Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9251US24IZ-2.7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9251US24IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9251US24IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9251US24IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9251US24IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9251US24IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9251US24IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9251US24IZ-2.7 Datasheet HTML 9Page - Intersil Corporation X9251US24IZ-2.7 Datasheet HTML 10Page - Intersil Corporation X9251US24IZ-2.7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
X9251
7
FN8166.6
December 3, 2014
Submit Document Feedback
Instructions
Four of the nine instructions are three bytes in length. These
instructions are:
• Read Wiper Counter Register – read the current wiper position
of the selected potentiometer
• Write Wiper Counter Register – change current wiper position
of the selected potentiometer
• Read Data Register – read the contents of the selected Data
Register
• Write Data Register – write a new value to the selected Data
Register
• Read Status – this command returns the contents of the WIP
bit which indicates if the internal write cycle is in progress
The basic sequence of the three-byte instructions is illustrated in
Figure 4. These three-byte instructions exchange data between
the WCR and one of the Data Registers. A transfer from a Data
Register to a WCR is essentially a write to a static RAM, with the
static RAM controlling the wiper position. The response of the
wiper to this action is delayed by tWRL. A transfer from the WCR
(current wiper position), to a Data Register is a write to
nonvolatile memory and takes a minimum of tWR to complete.
The transfer can occur between one of the four potentiometer’s
WCR, and one of its associated registers, DRs; or it may occur
globally, where the transfer occurs between all potentiometers
and one associated register. The Read Status Register instruction
is the only unique format (see Figure 6).
Four instructions require a two-byte sequence to complete. These
instructions transfer data between the host and the X9251;
either between the host and one of the data registers or directly
between the host and the Wiper Counter Register. These
instructions are:
• XFR Data Register to Wiper Counter Register – This transfers
the contents of one specified Data Register to the associated
Wiper Counter Register.
• XFR Wiper Counter Register to Data Register – This transfers
the contents of the specified Wiper Counter Register to the
specified associated Data Register.
• Global XFR Data Register to Wiper Counter
Register – This transfers the contents of all specified Data
Registers to the associated Wiper Counter Registers.
• Global XFR Wiper Counter Register to Data
Register – This transfers the contents of all Wiper Counter
Registers to the specified associated Data Registers.
Increment/Decrement Command
The final command is Increment/Decrement (see Figures 7 and 8).
The Increment/Decrement command is different from the other
commands. Once the command is issued and the X9251 has
responded with an Acknowledge, the master can clock the
selected wiper up and/or down in one segment steps, thereby
providing a fine tuning capability to the host. For each SCK clock
pulse (tHIGH) while SI is HIGH, the selected wiper moves one
wiper position towards the RH terminal. Similarly, for each SCK
clock pulse while SI is LOW, the selected wiper moves one wiper
position towards the RL terminal. A detailed illustration of the
sequence and timing for this operation are shown. See
“Instruction Format” on page 10 for more details.
XFR Wiper Counter
Register to Data Register
1
1
1
0
1/0
1/0
1/0
1/0
Transfer the contents of the Wiper Counter Register
pointed to by P1, P0 to the Data Register pointed to
by RB, RA
Global XFR Data Registers to Wiper
Counter Registers
0
0
0
1
1/0
1/0
0
0
Transfer the contents of the Data Registers pointed to
by RB, RA of all four pots to their respective Wiper
Counter Registers
Global XFR Wiper Counter Registers
to Data Register
1
0
0
0
1/0
1/0
0
0
Transfer the contents of both Wiper Counter Registers
to their respective data Registers pointed to by RB, RA
of all four pots
Increment/Decrement
Wiper Counter Register
0
0
1
0
0
0
1/0
1/0
Enable Increment/decrement of the Control Latch
pointed to by P1, P0
NOTE: 1/0 = data is one or zero
TABLE 5. INSTRUCTION SET (Continued)
INSTRUCTION
INSTRUCTION SET
OPERATION
I3
I2
I1
I0
RB
RA
P1
P0


Similar Part No. - X9251US24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251US24IZ-2.7 INTERSIL-X9251US24IZ-2.7 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251US24IZ-2.7 INTERSIL-X9251US24IZ-2.7 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
logo
Renesas Technology Corp
X9251US24IZ-2.7 RENESAS-X9251US24IZ-2.7 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
More results

Similar Description - X9251US24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
   Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
X9110 RENESAS-X9110 Datasheet
774Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
X9401 RENESAS-X9401 Datasheet
827Kb / 20P
   Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com