Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9258TS24IZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9258TS24IZ
Description  Quad Digital Controlled Potentiometers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9258TS24IZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9258TS24IZ Datasheet HTML 5Page - Intersil Corporation X9258TS24IZ Datasheet HTML 6Page - Intersil Corporation X9258TS24IZ Datasheet HTML 7Page - Intersil Corporation X9258TS24IZ Datasheet HTML 8Page - Intersil Corporation X9258TS24IZ Datasheet HTML 9Page - Intersil Corporation X9258TS24IZ Datasheet HTML 10Page - Intersil Corporation X9258TS24IZ Datasheet HTML 11Page - Intersil Corporation X9258TS24IZ Datasheet HTML 12Page - Intersil Corporation X9258TS24IZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
FN8168.6
December 15, 2011
Wiper Counter Register, (8-bit), Volatile
One 8-bit Wiper Counter Register for each DCP (four 8-bit
registers in total.)
{D7~D0}: These bits specify the wiper position of the
respective DCP. The Wiper Counter Register is loaded on
power-up by the value in Data Register 0. The contents of
the WCR can be loaded from any of the other Data Register
or directly. The contents of the WCR can be saved in a DR.
Instruction Format
NOTES:
5. “MACK”/”SACK”: stands for the acknowledge sent by the
master/slave.
6. “A3 ~ A0”: stands for the device addresses sent by the master.
7. “X”: indicates that it is a “0” for testing purpose but physically it is
a “don’t care” condition.
8. “I”: stands for the increment operation, SDA held high during
active SCL phase (high).
9. “D”: stands for the decrement operation, SDA held low during
active SCL phase (high).
Read Wiper Counter Register (WCR)
Write Wiper Counter Register (WCR)
Read Data Register (DR)
Write Data Register (WR)
WP7
WP6
WP5
WP4
WP3
WP2
WP1
WP0
V
V
V
VVV
V
V
(MSB)
(LSB)
S
T
A
R
T
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES S
A
C
K
INSTRUCTION
OPCODE
WCR
ADDRESSES S
A
C
K
WIPER POSITION
(SENT BY SLAVE ON SDA)
M
A
C
K
S
T
O
P
0
1
0
1 A3 A2 A1 A0
1001 0 0 P1 P0
WP7 WP6 WP5 WP4 WP3 WP2 WP1 WP0
S
T
A
R
T
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
WCR
ADDRESSES
S
A
C
K
DATA BYTE
(SENT BY MASTER ON SDA)
S
A
C
K
S
T
O
P
0101 A3 A2 A1 A0
1010
0 0 P1 P0
WP7 WP6 WP5 WP4 WP3 WP2 WP1 WP0
S
T
A
R
T
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES S
A
C
K
INSTRUCTION
OPCODE
DR AND WCR
ADDRESSES
S
A
C
K
DATA BYTE
(SENT BY SLAVE ON SDA)
M
A
C
K
S
T
O
P
0101 A3 A2 A1 A0
1
0
1
1 R1 R0 P1 P0
WP7 WP6 WP5 WP4 WP3 WP2 WP1 WP0
S
T
A
R
T
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
DR AND WCR
ADDRESSES
S
A
C
K
DATA BYTE
(SENT BY MASTER ON SDA)
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0 1 0 1 A3 A2 A1 A0
1100
R1 R0 P1 P0
WP7 WP6 WP5 WP4 WP3 WP2 WP1 WP0
X9258


Similar Part No. - X9258TS24IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258TS24IZ INTERSIL-X9258TS24IZ Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
X9258TS24IZ INTERSIL-X9258TS24IZ Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
X9258TS24IZ INTERSIL-X9258TS24IZ Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
logo
Renesas Technology Corp
X9258TS24IZ RENESAS-X9258TS24IZ Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
logo
Intersil Corporation
X9258TS24IZ-2.7 INTERSIL-X9258TS24IZ-2.7 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
More results

Similar Description - X9258TS24IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X95840 INTERSIL-X95840 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
X95840 INTERSIL-X95840_06 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
X9258US24 INTERSIL-X9258US24 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Copal Electronics
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
   Quad Digital Potentiometers
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
   Quad Digital Potentiometers
DP7409 COPAL-DP7409 Datasheet
173Kb / 16P
   Quad Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com