Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9268TS24I Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9268TS24I
Description  Dual Digitally-Controlled (XDCP) Potentiometers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9268TS24I Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9268TS24I Datasheet HTML 2Page - Intersil Corporation X9268TS24I Datasheet HTML 3Page - Intersil Corporation X9268TS24I Datasheet HTML 4Page - Intersil Corporation X9268TS24I Datasheet HTML 5Page - Intersil Corporation X9268TS24I Datasheet HTML 6Page - Intersil Corporation X9268TS24I Datasheet HTML 7Page - Intersil Corporation X9268TS24I Datasheet HTML 8Page - Intersil Corporation X9268TS24I Datasheet HTML 9Page - Intersil Corporation X9268TS24I Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
FN8172.4
August 29, 2006
PRINCIPLES OF OPERATION
The X9268 is a integrated microcircuit incorporating
four resistor arrays and their associated registers and
counters and the serial interface logic providing direct
communication between the host and the digitally
controlled potentiometers. This section provides detail
description of the following:
– Resistor Array Description
– Serial Interface Description
– Instruction and Register Description.
Array Description
The X9268 is comprised of a resistor array (See
Figure 1). Each array contains 255 discrete resistive
segments that are connected in series. The physical
ends of each array are equivalent to the fixed
terminals of a mechanical potentiometer (RH and RL
inputs).
At both ends of each array and between each resistor
segment is a CMOS switch connected to the wiper
(RW) output. Within each individual array only one
switch may be turned on at a time.
These switches are controlled by a Wiper Counter
Register (WCR). The 8-bits of the WCR (WCR[7:0])
are decoded to select, and enable, one of 256
switches (See Table 1).
The WCR may be written directly. These Data
Registers can the WCR can be read and written by the
host system.
Power-up and Down Requirements.
At all times, the voltages on the potentiometer pins
must be less than V+ and more than V-. During power-
up and power-down, VCC, V+, and V- must reach their
final values within 1msecs of each other. The VCC
ramp rate spec is always in effect.
Figure 1. Detailed Potentiometer Block Diagram
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
COUNTER
REGISTER
INC/DEC
LOGIC
UP/DN
CLK
MODIFIED SCL
UP/DN
RH
RL
RW
8
8
C
O
U
N
T
E
R
D
E
C
O
D
E
IF WCR = 00[H] THEN RW = RL
IF WCR = FF[H] THEN RW = RH
WIPER
(WCR)
One of Two Potentiometers
(DR0)
(DR1)
(DR2)
(DR3)
X9268


Similar Part No. - X9268TS24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9268TS24I INTERSIL-X9268TS24I Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9268TS24I INTERSIL-X9268TS24I Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9268TS24I RENESAS-X9268TS24I Datasheet
850Kb / 22P
   Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9268TS24I-2.7 INTERSIL-X9268TS24I-2.7 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9268TS24I-2.7 INTERSIL-X9268TS24I-2.7 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
More results

Similar Description - X9268TS24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22329 INTERSIL-ISL22329 Datasheet
393Kb / 13P
   Dual Digitally Controlled Potentiometers XDCP
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com