Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9259US24Z-2.7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9259US24Z-2.7
Description  Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP) Potentiometers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9259US24Z-2.7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9259US24Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9259US24Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9259US24Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9259US24Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9259US24Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9259US24Z-2.7 Datasheet HTML 9Page - Intersil Corporation X9259US24Z-2.7 Datasheet HTML 10Page - Intersil Corporation X9259US24Z-2.7 Datasheet HTML 11Page - Intersil Corporation X9259US24Z-2.7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
X9259
8
FN8169.6
December 12, 2014
Submit Document Feedback
Instructions
Four of the nine instructions are three bytes in length. These
instructions are:
• Read Wiper Counter Register – read the current wiper position
of the selected potentiometer.
• Write Wiper Counter Register – change current wiper position
of the selected potentiometer.
• Read Data Register – read the contents of the selected Data
Register.
• Write Data Register – write a new value to the selected Data
Register.
The basic sequence of the three byte instructions is illustrated in
Figure 5. These three-byte instructions exchange data between
the WCR and one of the Data Registers. A transfer from a Data
Register to a WCR is essentially a write to a static RAM, with the
static RAM controlling the wiper position. The response of the
wiper to this action is delayed by tWRL. A transfer from the WCR
(current wiper position), to a Data Register is a write to
nonvolatile memory and takes a minimum of tWR to complete.
The transfer can occur between one of the four potentiometer’s
WCR, and one of its associated registers, DRs; or it may occur
globally, where the transfer occurs between all potentiometers
and one associated register.
Four instructions require a two-byte sequence to complete. These
instructions transfer data between the host and the X9259;
either between the host and one of the data registers or directly
between the host and the Wiper Counter Register. These
instructions are:
• XFR Data Register to Wiper Counter Register – This transfers
the contents of one specified Data Register to the associated
Wiper Counter Register.
• XFR Wiper Counter Register to Data Register – This transfers
the contents of the specified Wiper Counter Register to the
specified associated Data Register.
• Global XFR Data Register to Wiper Counter
Register – This transfers the contents of all specified Data
Registers to the associated Wiper Counter Registers.
• Global XFR Wiper Counter Register to Data
Register – This transfers the contents of all Wiper Counter
Registers to the specified associated Data Registers.
Increment/Decrement Command
The final command is Increment/Decrement (Figures 6 and 7).
The Increment/Decrement command is different from the other
commands. Once the command is issued and the X9259 has
responded with an Acknowledge, the master can clock the
selected wiper up and/or down in one segment steps; thereby,
providing a fine tuning capability to the host. For each SCL clock
pulse (tHIGH) while SDA is HIGH, the selected wiper moves one
wiper position towards the RH terminal. Similarly, for each SCL
clock pulse while SDA is LOW, the selected wiper moves one
resistor wiper position towards the RL terminal.
See “Instruction Format” on page 10 for more details.
FIGURE 4. TWO-BYTE INSTRUCTION SEQUENCE
FIGURE 5. THREE-BYTE INSTRUCTION SEQUENCE 2-WIRE INTERFACE
S
T
A
R
T
01
0
1
A2
A0
A
C
K
I2
I1
I0
RB RA P1
A
C
K
SCL
SDA
S
T
O
P
ID3 ID2 ID1 ID0
P0
Device ID
External
Instruction
Opcode
Address
Register
Address
DCP/WCR
Address
A1
A3
I3
I3
I2
I1
I0
RB RA
ID3 ID2 ID1 ID0
Device ID
External
Instruction
Opcode
Address
Register
Address
Pot/WCR
Address
Data for WCR[7:0] or DR[7:0]
S
T
A
R
T
0
101
A2
A1
A0
A
C
K
P1 P0
A
C
K
SCL
SDA
S
T
O
P
A
C
K
D7
D6 D5 D4
D3 D2
D1 D0
A3


Similar Part No. - X9259US24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259US24Z-2.7 INTERSIL-X9259US24Z-2.7 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9259US24Z-2.7 INTERSIL-X9259US24Z-2.7 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9259US24Z-2.7 RENESAS-X9259US24Z-2.7 Datasheet
866Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
More results

Similar Description - X9259US24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9259 RENESAS-X9259 Datasheet
866Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
X9268 RENESAS-X9268 Datasheet
850Kb / 22P
   Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
X9409 RENESAS-X9409 Datasheet
788Kb / 19P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
X9408 RENESAS-X9408 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9252 RENESAS-X9252 Datasheet
800Kb / 19P
   Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP?? Potentiometer
X9118 RENESAS-X9118 Datasheet
736Kb / 17P
   Dual Supply/Low Power/1024-Tap/2-Wire Bus Single Digitally-Controlled (XDCP?? Potentiometer
X9250 RENESAS-X9250 Datasheet
822Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com