Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100E111LEJITR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100E111LEJITR
Description  5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E111LEJITR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100E111LEJITR Datasheet HTML 1Page - Micrel Semiconductor SY100E111LEJITR Datasheet HTML 2Page - Micrel Semiconductor SY100E111LEJITR Datasheet HTML 3Page - Micrel Semiconductor SY100E111LEJITR Datasheet HTML 4Page - Micrel Semiconductor SY100E111LEJITR Datasheet HTML 5Page - Micrel Semiconductor SY100E111LEJITR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
ClockWorks™
SY10E111AE/LE
SY100E111AE/LE
Micrel
3.3V PECL DC ELECTRICAL CHARACTERISTICS(1)
VCC = +3.0V to +3.8V, VEE = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VOH
Output HIGH Voltage(2)
mV
10EL
2220
2110
2280
2460
2320
2490
2390
2580
100EL
2215
2120
2275
2420
2275
2420
2275
2420
VOL
Output LOW Voltage(2)
mV
10EL
1350
1650
1350
1670
1350
1670
1350
1705
100EL
1470
1750
1490
1680
1490
1680
1490
1680
VIH
Input HIGH Voltage(2)
mV
10EL
2070
2410
2130
2460
2170
2490
2240
2580
100EL
2135
2420
2135
2420
2135
2420
2135
2420
VIL
Input LOW Voltage(2)
mV
10EL
1350
1800
1350
1820
1350
1820
1350
1855
100EL
1490
1825
1490
1825
1490
1825
1490
1825
VBB
Output Reference
V
Voltage(2)
10EL
1.87
2.00
1.92
2.03
1.95
2.05
1.99
2.11
100EL
1.92
2.04
1.92
2.04
1.92
2.04
1.92
2.04
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input LOW Current
µA
10EL
0.5
0.5
0.5
0.3
100EL
0.5
0.5
0.5
0.5
IEE
Power Supply Current
mA
10EL
66
66
66
66
100EL
66
66
66
78
NOTES:
1. Parametric values specified at:
3 volt Power Supply Range
10/100E111LE Series:
+3.0V to +3.8V.
2. These values are for VCC = 3.3V. Level specifications will vary 1:1 with VCC.
5V PECL DC ELECTRICAL CHARACTERISTICS(1)
VCC = VCC (Min.) to VCC (Max.); VEE = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VOH
Output HIGH Voltage(2)
mV
10EL
3920
4110
3980
4160
4020
4190
4090
4280
100EL
3915
4120
3975
4120
3975
4120
3975
4120
VOL
Output LOW Voltage(2)
mV
10EL
3050
3350
3050
3370
3050
3370
3050
3405
100EL
3170
3450
3190
3380
3190
3380
3190
3380
VIH
Input HIGH Voltage(2)
mV
10EL
3770
4110
3830
4160
3870
4190
3940
4280
100EL
3835
4120
3835
4120
3835
4120
3835
4120
VIL
Input LOW Voltage(2)
mV
10EL
3050
3500
3050
3520
3050
3520
3050
3555
100EL
3190
3525
3190
3525
3190
3525
3190
3525
VBB
Output Reference
V
Voltage(2)
10EL
3.57
3.70
3.62
3.73
3.65
3.75
3.69
3.81
100EL
3.62
3.74
3.62
3.74
3.62
3.74
3.62
3.74
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input LOW Current
µA
10EL
0.5
0.5
0.5
0.3
100EL
0.5
0.5
0.5
0.5
IEE
Power Supply Current
mA
10EL
66
66
66
66
100EL
66
66
66
78
NOTES:
1. Parametric values specified at:
5 volt Power Supply Range
100E111AE Series:
+4.2V to +5.5V.
10E111AE Series
+4.75V to +5.5V.
2. These values are for VCC = 5V. Level specifications will vary 1:1 with VCC.


Similar Part No. - SY100E111LEJITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E111LEJITR MICREL-SY100E111LEJITR Datasheet
77Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY100E111LEJITR MICREL-SY100E111LEJITR Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
More results

Similar Description - SY100E111LEJITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE_06 Datasheet
77Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111A MICREL-SY10E111A Datasheet
84Kb / 5P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER w/o ENABLE
SY10E111A MICREL-SY10E111A_06 Datasheet
76Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
SY10E111 MICREL-SY10E111 Datasheet
78Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
SY10E111 MICREL-SY10E111_06 Datasheet
68Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC10E111 ONSEMI-MC10E111_06 Datasheet
143Kb / 10P
   5V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 16
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com