Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9258US24IZ-2.7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9258US24IZ-2.7
Description  Quad Digital Controlled Potentiometers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9258US24IZ-2.7 Datasheet(HTML) 5 Page - Intersil Corporation

  X9258US24IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X9258US24IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X9258US24IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9258US24IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9258US24IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9258US24IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9258US24IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9258US24IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9258US24IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN8168.6
December 15, 2011
ACK Polling Sequence
Instruction Structure
The next byte sent to the X9258 contains the instruction and
register pointer information. The four most significant bits are
the instruction. The next four bits point to one of the two
potentiometers and when applicable they point to one of four
associated registers. The format is shown in Figure 2.
.
The four high order bits define the instruction. The next 2 bits
(R1 and R0) select one of the four registers that is to be
acted upon when a register oriented instruction is issued.
The last bits (P1, P0) select which one of the four
potentiometers is to be affected by the instruction.
Four of the nine instructions end with the transmission of the
instruction byte. The basic sequence is illustrated in
Figure 3. These two-byte instructions exchange data
between the Wiper Counter Register and one of the data
registers. A transfer from a Data Register to a Wiper Counter
Register is essentially a write to a static RAM. The response
of the wiper to this action will be delayed tWRL. A transfer
from the Wiper Counter Register (current wiper position), to
a data register is a write to nonvolatile memory and takes a
minimum of tWR to complete. The transfer can occur
between one of the four potentiometers and one of its
associated registers; or it may occur globally, wherein the
transfer occurs between all of the potentiometers and one of
their associated registers.
Four instructions require a three-byte sequence to complete.
These instructions transfer data between the host and the
X9258; either between the host and one of the data registers
or directly between the host and the Wiper Counter Register.
These instructions are: Read Wiper Counter Register (read
the current wiper position of the selected potentiometer),
Write Wiper Counter Register (change current wiper position
of the selected potentiometer), Read Data Register (read the
contents of the selected nonvolatile register) and Write Data
Register (write a new value to the selected data register).
The sequence of operations is shown in Figure 4.
NONVOLATILE WRITE
COMMAND COMPLETED
ENTER ACK POLLING
ISSUE
START
ISSUE SLAVE
ADDRESS
ACK
RETURNED?
FURTHER
OPERATION?
ISSUE
INSTRUCTION
ISSUE STOP
NO
YES
YES
PROCEED
ISSUE STOP
NO
PROCEED
FIGURE 2. INSTRUCTION BYTE FORMAT
I1
I2
I3
I0
R1
R0
P1
P0
WIPER COUNTER
REGISTER
SELECT
INSTRUCTIONS
REGISTER SELECT
S
T
A
R
T
0101
A3
A2
A1
A0
A
C
K
I3
I2
I1
I0
R1
R0
P1
P0
A
C
K
SCL
SDA
S
T
O
P
FIGURE 3. TWO-BYTE INSTRUCTION SEQUENCE
X9258


Similar Part No. - X9258US24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258US24IZ-2.7 INTERSIL-X9258US24IZ-2.7 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
X9258US24IZ-2.7 INTERSIL-X9258US24IZ-2.7 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
logo
Renesas Technology Corp
X9258US24IZ-2.7 RENESAS-X9258US24IZ-2.7 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
More results

Similar Description - X9258US24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X95840 INTERSIL-X95840 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
X95840 INTERSIL-X95840_06 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
X9258US24 INTERSIL-X9258US24 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Copal Electronics
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
   Quad Digital Potentiometers
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
   Quad Digital Potentiometers
DP7409 COPAL-DP7409 Datasheet
173Kb / 16P
   Quad Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com