Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9250TS24Z-2.7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9250TS24Z-2.7
Description  Quad Digitally Controlled Potentiometers (XDCP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9250TS24Z-2.7 Datasheet(HTML) 3 Page - Intersil Corporation

  X9250TS24Z-2.7 Datasheet HTML 1Page - Intersil Corporation X9250TS24Z-2.7 Datasheet HTML 2Page - Intersil Corporation X9250TS24Z-2.7 Datasheet HTML 3Page - Intersil Corporation X9250TS24Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9250TS24Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9250TS24Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9250TS24Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9250TS24Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9250TS24Z-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FN8165.3
August 29, 2006
PIN DESCRIPTIONS
Serial Output (SO)
SO is a serial data output pin. During a read cycle,
data is shifted out on this pin. Data is clocked out by
the falling edge of the serial clock.
Serial Input
SI is the serial data input pin. All opcodes, byte
addresses and data to be written to the pots and pot
registers are input on this pin. Data is latched by the
rising edge of the serial clock.
Serial Clock (SCK)
The SCK input is used to clock data into and out of the
X9250.
Chip Select (CS)
When CS is HIGH, the X9250 is deselected and the
SO pin is at high impedance, and (unless an internal
write cycle is underway) the device will be in the
standby state. CS LOW enables the X9250, placing it
in the active power mode. It should be noted that after
a power-up, a HIGH to LOW transition on CS is
required prior to the start of any operation.
Hold (HOLD)
HOLD is used in conjunction with the CS pin to select
the device. Once the part is selected and a serial
sequence is underway, HOLD may be used to pause
the serial communication with the controller without
resetting the serial sequence. To pause, HOLD must
be brought LOW while SCK is LOW. To resume
communication, HOLD is brought HIGH, again while
SCK is LOW. If the pause feature is not used, HOLD
should be held HIGH at all times.
Device Address (A0 - A1)
The address inputs are used to set the least significant
2 bits of the 8-bit slave address. A match in the slave
address serial data stream must be made with the
address input in order to initiate communication with
the X9250. A maximum of 4 devices may occupy the
SPI serial bus.
Potentiometer Pins
VH/RH (VH0/RH0 - VH3/RH3), VL/RL (VL0/RL0 -
VL3/RL3)
The RH and RL pins are equivalent to the terminal
connections on a mechanical potentiometer.
VW/RW (VW0/RW0 - VW3/RW3)
The wiper pins are equivalent to the wiper terminal of a
mechanical potentiometer.
Hardware Write Protect Input (WP)
The WP pin when LOW prevents nonvolatile writes to
the Data Registers.
Analog Supplies (V+, V-)
The analog supplies V+, V- are the supply voltages for
the XDCP analog section.
PIN CONFIGURATION
PIN NAMES
Symbol
Description
SCK
Serial Clock
SI, SO
Serial Data
A0-A1
Device Address
VH0/RH0–VH3/RH3,
VL0/RL0–VL3/RL3
Potentiometer Pins
(terminal equivalent)
VW0/RW0–VW3/RW3
Potentiometer Pins
(wiper equivalent)
WP
Hardware Write Protection
V+,V-
Analog Supplies
VCC
System Supply Voltage
VSS
System Ground
NC
No Connection
S0
A0
VW3/RW3
V+
VCC
VL0/RL0
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
HOLD
SCK
VL2/RL2
VH2/RL2
VW2/RW2
V–
VSS
VW1/RW1
VH1/RH1
VL1/RL1
SOIC/TSSOP
X9250
VH3/RH3
14
13
11
12
VL3/RL3
VH0/RH0
VW0/RW0
CS
A1
SI
WP
X9250


Similar Part No. - X9250TS24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9250TS24Z-2.7 INTERSIL-X9250TS24Z-2.7 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Renesas Technology Corp
X9250TS24Z-2.7 RENESAS-X9250TS24Z-2.7 Datasheet
822Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
More results

Similar Description - X9250TS24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
logo
Intersil Corporation
ISL22329 INTERSIL-ISL22329 Datasheet
393Kb / 13P
   Dual Digitally Controlled Potentiometers XDCP
X9268TS24 INTERSIL-X9268TS24 Datasheet
323Kb / 22P
   Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com