Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9259UV24IZ-2.7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9259UV24IZ-2.7
Description  Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP) Potentiometers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9259UV24IZ-2.7 Datasheet(HTML) 5 Page - Intersil Corporation

  X9259UV24IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X9259UV24IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X9259UV24IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9259UV24IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9259UV24IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9259UV24IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9259UV24IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9259UV24IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9259UV24IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
X9259
5
FN8169.6
December 12, 2014
Submit Document Feedback
Principles of Operation
The X9259 is an integrated circuit incorporating four DCPs and
their associated registers and counters, and the serial interface
providing direct communication between a host and the
potentiometers.
DCP Description
Each DCP is implemented with a combination of resistor
elements and CMOS switches. The physical ends of each DCP are
equivalent to the fixed terminals of a mechanical potentiometer
(RH and RL pins). The RW pin is an intermediate node, equivalent
to the wiper terminal of a mechanical potentiometer.
The position of the wiper terminal within the DCP is controlled by
an 8-bit volatile Wiper Counter Register (WCR).
Power Up and Down Recommendations
There are no restrictions on the power-up or power-down
conditions of VCC and the voltages applied to the potentiometer
pins provided that VCC is always more positive than or equal to
VH, VL, and VW, i.e., VCC  VH, VL, VW. The VCC ramp rate
specification is always in effect.
Wiper Counter Register (WCR)
The X9259 contains four Wiper Counter Registers, one for each
potentiometer. The Wiper Counter Register can be envisioned as
a 8-bit parallel and serial load counter with its outputs decoded
to select one of 256 wiper positions along its resistor array. The
contents of the WCR can be altered in four ways: it may be
written directly by the host via the Write Wiper Counter Register
instruction (serial load); it may be written indirectly by
transferring the contents of one of four associated data registers
via the XFR Data Register instruction (parallel load); it can be
modified one step at a time by the Increment/Decrement
instruction (see “Instructions” section on page 8 for more
details). Finally, it is loaded with the contents of its data register
zero (DR#0) upon power-up, (see Figure 1 on page 4).
The Wiper Counter Register is a volatile register; that is, its
contents are lost when the X9259 is powered-down. Although the
register is automatically loaded with the value in DR#0 upon
power-up, this may be different from the value present at
power-down. Power-up guidelines are recommended to ensure
proper loadings of the DR#0 value into the WCR# (see AN162).
Data Registers (DR)
Each of the four DCPs has four 8-bit nonvolatile Data Registers.
These can be read or written directly by the host. Data can also
be transferred between any of the four data registers and the
associated Wiper Counter Register. All operations changing data
in one of the data registers is a nonvolatile operation and takes a
maximum of 10ms.
If the application does not require storage of multiple settings for
the potentiometer, the Data Registers can be used as regular
memory locations for system parameters or user preference
data.
Bit [7:0] are used to store one of the 256 wiper positions
(0 ~ 255).
TABLE 1. WIPER COUNTER REGISTER, WCR (8-BIT), WCR[7:0]: USED TO STORE THE CURRENT WIPER POSITION (VOLATILE).
WCR7
WCR6
WCR5
WCR4
WCR3
WCR2
WCR1
WCR0
(MSB)
(LSB)
TABLE 2. DATA REGISTER, DR (8-BIT), BIT [7:0]: USED TO STORE WIPER POSITIONS OR DATA (NONVOLATILE).
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
(MSB)
(LSB)


Similar Part No. - X9259UV24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259UV24IZ-2.7 INTERSIL-X9259UV24IZ-2.7 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9259UV24IZ-2.7 INTERSIL-X9259UV24IZ-2.7 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9259UV24IZ-2.7 RENESAS-X9259UV24IZ-2.7 Datasheet
866Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
More results

Similar Description - X9259UV24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9259 RENESAS-X9259 Datasheet
866Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
X9268 RENESAS-X9268 Datasheet
850Kb / 22P
   Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
X9409 RENESAS-X9409 Datasheet
788Kb / 19P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
X9408 RENESAS-X9408 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9252 RENESAS-X9252 Datasheet
800Kb / 19P
   Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP?? Potentiometer
X9118 RENESAS-X9118 Datasheet
736Kb / 17P
   Dual Supply/Low Power/1024-Tap/2-Wire Bus Single Digitally-Controlled (XDCP?? Potentiometer
X9250 RENESAS-X9250 Datasheet
822Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com