Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9250UV24I-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9250UV24I-2.7
Description  Quad Digitally Controlled Potentiometers (XDCP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9250UV24I-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X9250UV24I-2.7 Datasheet HTML 1Page - Intersil Corporation X9250UV24I-2.7 Datasheet HTML 2Page - Intersil Corporation X9250UV24I-2.7 Datasheet HTML 3Page - Intersil Corporation X9250UV24I-2.7 Datasheet HTML 4Page - Intersil Corporation X9250UV24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9250UV24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9250UV24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9250UV24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9250UV24I-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN8165.3
August 29, 2006
DEVICE DESCRIPTION
Serial Interface
The X9250 supports the SPI interface hardware
conventions. The device is accessed via the SI input
with data clocked in on the rising SCK. CS must be
LOW and the HOLD and WP pins must be HIGH
during the entire operation.
The SO and SI pins can be connected together, since
they have three state outputs. This can help to reduce
system pin count.
Array Description
The X9250 is comprised of four resistor arrays. Each
array contains 255 discrete resistive segments that
are connected in series. The physical ends of each
array are equivalent to the fixed terminals of a
mechanical potentiometer (VH/RH and VL/RL inputs).
At both ends of each array and between each resistor
segment is a CMOS switch connected to the wiper
(VW/RW) output. Within each individual array only one
switch may be turned on at a time.
These switches are controlled by a Wiper Counter
Register (WCR). The 8 bits of the WCR are decoded
to select, and enable, one of 256 switches.
Wiper Counter Register (WCR)
The X9250 contains four Wiper Counter Registers,
one for each XDCP potentiometer. The WCR is
equivalent to a serial-in, parallel-out register/counter
with its outputs decoded to select one of 256 switches
along its resistor array. The contents of the WCR can
be altered in four ways: it may be written directly by
the host via the write Wiper Counter Register
instruction (serial load); it may be written indirectly by
transferring the contents of one of four associated
Data Registers via the XFR Data Register or Global
XFR Data Register instructions (parallel load); it can
be
modified
one
step
at
a
time
by
the
increment/decrement instruction. Finally, it is loaded
with the contents of its Data Register zero (DR0) upon
power-up.
The Wiper Counter Register is a volatile register; that
is, its contents are lost when the X9250 is powered-
down. Although the register is automatically loaded
with the value in R0 upon power-up, this may be
different from the value present at power-down.
Data Registers
Each potentiometer has four 8-bit nonvolatile Data
Registers. These can be read or written directly by the
host. Data can also be transferred between any of the
four Data Registers and the associated Wiper Counter
Register. All operations changing data in one of the
Data Registers is a nonvolatile operation and will take
a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can
be used as regular memory locations for system
parameters or user preference data.
Data Register Detail
(MSB)
(LSB)
D7
D6
D5
D4
D3
D2
D1
D0
NV
NV
NV
NV
NV
NV
NV
NV
X9250


Similar Part No. - X9250UV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9250UV24I-2.7 XICOR-X9250UV24I-2.7 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250UV24I-2.7 INTERSIL-X9250UV24I-2.7 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
X9250UV24I-2.7 INTERSIL-X9250UV24I-2.7 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Renesas Technology Corp
X9250UV24I-2.7 RENESAS-X9250UV24I-2.7 Datasheet
822Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
More results

Similar Description - X9250UV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
logo
Intersil Corporation
ISL22329 INTERSIL-ISL22329 Datasheet
393Kb / 13P
   Dual Digitally Controlled Potentiometers XDCP
X9268TS24 INTERSIL-X9268TS24 Datasheet
323Kb / 22P
   Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com