Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100E151JI Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100E151JI
Description  6-BIT D REGISTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E151JI Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100E151JI Datasheet HTML 1Page - Micrel Semiconductor SY100E151JI Datasheet HTML 2Page - Micrel Semiconductor SY100E151JI Datasheet HTML 3Page - Micrel Semiconductor SY100E151JI Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
s 1100MHz toggle frequency
s Extended 100E VEE range of –4.2V to –5.46V
s Differential outputs
s Asynchronous Master Reset
s Dual clocks
s Fully compatible with industry standard 10KH,
100K ECL levels
s Internal 75K
input pulldown resistors
s Fully compatible with Motorola MC10E/100E151
s Available in 28-pin PLCC package
FEATURES
6-BIT D
REGISTER
The SY10/100E151 offer 6 edge-triggered, high-speed,
master-slave D-type flip-flops with differential outputs,
designed for use in new, high-performance ECL systems.
The two external clock signals (CLK1, CLK2) are gated
through a logical OR operation before use as clocking
control for the flip-flops. Data is clocked into the flip-flops
on the rising edge of either CLK1 or CLK2 (or both). When
both CLK1 and CLK2 are at a logic LOW, data enters the
master and is transferred to the slave when either CLK1 or
CLK2 (or both) go HIGH.
The MR (Master Reset) signal operates asynchronously
to make all Q outputs go to a logic LOW.
DESCRIPTION
SY10E151
SY100E151
FINAL
BLOCK DIAGRAM
Pin
Function
D0–D5
Data Inputs
CLK1, CLK2
Clock Inputs
MR
Master Reset
Q0–Q5
True Outputs
Q0–Q5
Inverting Outputs
VCCO
VCC to Output
PIN NAMES
PIN CONFIGURATION
D
R
D
R
D
R
D
R
D
R
D
R
M
R
D0
CLK1
CLK2
D1
D2
D3
D4
D5
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Q5
Q5
VEE
D5
D4
D1
D2
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25 24 23 22 21 20 19
56789
10 11
D0
D3
Q4
PLCC
TOP VIEW
J28-1
Q4
VCC
Q3
Q3
Q2
Q2
1
Rev.: E
Amendment: /0
Issue Date:
November 2002


Similar Part No. - SY100E151JI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E151JC MICREL-SY100E151JC Datasheet
63Kb / 4P
   6-BIT D REGISTER
SY100E151JC MICREL-SY100E151JC Datasheet
64Kb / 4P
   6-BIT D REGISTER
SY100E151JCTR MICREL-SY100E151JCTR Datasheet
63Kb / 4P
   6-BIT D REGISTER
SY100E151JCTR MICREL-SY100E151JCTR Datasheet
64Kb / 4P
   6-BIT D REGISTER
SY100E151JZ MICREL-SY100E151JZ Datasheet
63Kb / 4P
   6-BIT D REGISTER
More results

Similar Description - SY100E151JI

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10E151PJ SEMTECH-SK10E151PJ Datasheet
116Kb / 5P
   6-bit D register
logo
ON Semiconductor
MC10E151 ONSEMI-MC10E151 Datasheet
104Kb / 4P
   6-BIT D REGISTER
1996 REV 2
logo
Micrel Semiconductor
SY10E151 MICREL-SY10E151_08 Datasheet
64Kb / 4P
   6-BIT D REGISTER
SY10E151 MICREL-SY10E151_06 Datasheet
63Kb / 4P
   6-BIT D REGISTER
logo
ON Semiconductor
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E167 MICREL-SY10E167 Datasheet
155Kb / 3P
   6-BIT 2:1 MUX-REGISTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com