Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10E160JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10E160JC
Description  12-BIT PARITY GENERATOR/CHECKER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E160JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10E160JC Datasheet HTML 1Page - Micrel Semiconductor SY10E160JC Datasheet HTML 2Page - Micrel Semiconductor SY10E160JC Datasheet HTML 3Page - Micrel Semiconductor SY10E160JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10E160
SY100E160
Micrel
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
tPLH
Propagation Delay to Output
ps
tPHL
D to Q
400
650
950
400
650
950
400
650
950
EN to Q
300
550
750
300
550
750
300
550
750
CLK to Y
275
500
700
275
500
700
275
500
700
R to Y
275
500
725
275
500
725
275
500
725
tS
Set-up Time
ps
D
1200
900
1200
900
1200
900
HOLD
600
300
600
300
600
300
S-IN
350
150
350
150
350
150
SHIFT
500
250
500
250
500
250
tH
Hold Time
ps
D
–400 –900
–400 –900
–400 –900
HOLD
100
–300
100
–300
100
–300
S-IN
300
–150
300
–150
300
–150
SHIFT
200
–250
200
–250
200
–250
tr
Rise/Fall Time
300
450
650
300
450
650
300
450
650
ps
tf
20% to 80%
AC ELECTRICAL CHARACTERISTICS
Ordering
Package
Operating
Code
Type
Range
SY10E160JC
J28-1
Commercial
SY10E160JCTR
J28-1
Commercial
SY100E160JC
J28-1
Commercial
SY100E160JCTR
J28-1
Commercial
PRODUCT ORDERING CODE


Similar Part No. - SY10E160JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E160JC MICREL-SY10E160JC Datasheet
62Kb / 5P
   12-BIT PARITY GENERATOR/CHECKER
SY10E160JCTR MICREL-SY10E160JCTR Datasheet
62Kb / 5P
   12-BIT PARITY GENERATOR/CHECKER
More results

Similar Description - SY10E160JC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H160 ONSEMI-MC10H160 Datasheet
111Kb / 4P
   12-Bit Parity Generator-Checker
May, 2000 ??Rev. 7
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160_06 Datasheet
62Kb / 5P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10E160 ONSEMI-MC10E160 Datasheet
106Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
1996 REV 2
MC10E160 ONSEMI-MC10E160_06 Datasheet
191Kb / 8P
   5V ECL 12-Bit Parity Generator/Checker
June, 2006 ??Rev. 6
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74F280SCX FAIRCHILD-74F280SCX Datasheet
77Kb / 6P
   9-Bit Parity Generator/Checker
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com