Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9315TSZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9315TSZ
Description  Digitally Controlled Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9315TSZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9315TSZ Datasheet HTML 4Page - Intersil Corporation X9315TSZ Datasheet HTML 5Page - Intersil Corporation X9315TSZ Datasheet HTML 6Page - Intersil Corporation X9315TSZ Datasheet HTML 7Page - Intersil Corporation X9315TSZ Datasheet HTML 8Page - Intersil Corporation X9315TSZ Datasheet HTML 9Page - Intersil Corporation X9315TSZ Datasheet HTML 10Page - Intersil Corporation X9315TSZ Datasheet HTML 11Page - Intersil Corporation X9315TSZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN8179.2
December 21, 2009
AC Timing
NOTE:
11. MI in the A.C. timing diagram refers to the minimum incremental change in the VW output due to a change in the wiper position.
tlC
INC Inactive to CS inactive
1
µs
tCPH
CS Deselect time (NO STORE)
100
ns
tCPH
CS Deselect time (STORE)
10
ms
tIW
INC to Vw change
1
5
µs
tCYC
INC cycle time
4
µs
tR, tF
(Note 10)
INC input rise and fall time
500
µs
tPU
(Note 10)
Power-up to wiper stable
5µs
tR VCC
(Note 10)
VCC power-up rate
0.2
50
V/ms
tWR
Store cycle
510
ms
NOTE:
10. This parameter is not 100% tested.
AC Electrical Specifications
(Over recommended operating conditions unless otherwise specified) (Continued)
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
(Note 9)
TYP
(Note 8)
MAX
(Note 9)
CS
INC
U/D
VW
tCI
tIL
tIH
tCYC
tID
DI
tIW
MI
(Note 9)
tIC
tCPH
tF
tR
10%
90%
90%
(Store)
X9315


Similar Part No. - X9315TSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9315TSZ INTERSIL-X9315TSZ Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
logo
Renesas Technology Corp
X9315TSZ RENESAS-X9315TSZ Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9315TSZ-2.7 INTERSIL-X9315TSZ-2.7 Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
logo
Renesas Technology Corp
X9315TSZ-2.7 RENESAS-X9315TSZ-2.7 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X9315TSZ-2.7T1 RENESAS-X9315TSZ-2.7T1 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9315TSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com