Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9315WMI-2.7T2 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9315WMI-2.7T2
Description  Digitally Controlled Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9315WMI-2.7T2 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9315WMI-2.7T2 Datasheet HTML 2Page - Intersil Corporation X9315WMI-2.7T2 Datasheet HTML 3Page - Intersil Corporation X9315WMI-2.7T2 Datasheet HTML 4Page - Intersil Corporation X9315WMI-2.7T2 Datasheet HTML 5Page - Intersil Corporation X9315WMI-2.7T2 Datasheet HTML 6Page - Intersil Corporation X9315WMI-2.7T2 Datasheet HTML 7Page - Intersil Corporation X9315WMI-2.7T2 Datasheet HTML 8Page - Intersil Corporation X9315WMI-2.7T2 Datasheet HTML 9Page - Intersil Corporation X9315WMI-2.7T2 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN8179.2
December 21, 2009
Absolute Maximum Ratings
Thermal Information
Temperature under bias . . . . . . . . . . . . . . . . . . . . . .-65
°C to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on CS, INC, U/D, VH, VL and
VCC with respect to VSS . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
ΔV = |V
H–VL| . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V
IW (10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±7.5mA
Thermal Resistance (Typical, Notes 3, 4)
θJA (°C/W) θJC (°C/W)
8 Ld SOIC . . . . . . . . . . . . . . . . . . . . . .
105
68
8 Ld MSOP. . . . . . . . . . . . . . . . . . . . . .
154
58
8 Ld PDIP. . . . . . . . . . . . . . . . . . . . . . .
85
57
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature (Commercial) . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Temperature (Industrial). . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage (VCC) (Note 8) Limits
X9315. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ± 10%
X9315-2.7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Max Wiper Current, IW. . . . . . . . . . . . . . . . . . . . . . . . . . . . .±3.75mA
Max Power Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mW
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
3.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4. For
θJC, the “case temp” location is taken at the package top center.
Potentiometer Characteristics
(Over recommended operating conditions unless otherwise stated.)
SYMBOL
PARAMETER
TEST CONDITIONS/NOTES
LIMITS
MIN
(Note 9)
TYP
(Note 8)
MAX
(Note 9)
UNIT
End to end resistance tolerance
-20
+20
%
VVH
VH terminal voltage
0
VCC
V
VVL
VL terminal voltage
0
VCC
V
RW
Wiper resistance
IW = [V(RH) - V(RL)]/ RTOTAL, VCC = 5V
200
400
Ω
RW
Wiper resistance
IW = [V(RH) - V(RL)]/ RTOTAL, VCC = 2.7V
400
1000
Ω
Noise
Ref: 1kHz
-120
dBV
Resolution
3%
Absolute linearity (Note 5)
Vw(n)(actual) - Vw(n)(expected)
±1
MI
(Note 7)
Relative linearity (Note 6)
Vw(n + 1) - [Vw(n) + MI]±0.2
MI
(Note 7)
RTOTAL temperature coefficient
±300
ppm/°C
Ratiometric temperature coefficient
±20
ppm/°C
CH/CL/CW
Potentiometer capacitances
See circuit #3 on page 7
10/10/25
pF
NOTES:
5. Absolute linearity is utilized to determine actual wiper voltage versus expected voltage = (Vw(n)(actual) - Vw(n)(expected)) = ±1 Ml Maximum.
6. Relative linearity is a measure of the error in step size between taps = RW(n+1) - [Rw(n) + Ml] = ±0.2 Ml.
7. 1 Ml = Minimum Increment = RTOT/31.
8. Typical values are for TA = +25°C and nominal supply voltage.
9. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
X9315


Similar Part No. - X9315WMI-2.7T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9315WMI-2.7T2 RENESAS-X9315WMI-2.7T2 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9315WMI-2.7T2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com