Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9315WMIZ-2.7T1 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9315WMIZ-2.7T1
Description  Digitally Controlled Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9315WMIZ-2.7T1 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9315WMIZ-2.7T1 Datasheet HTML 6Page - Intersil Corporation X9315WMIZ-2.7T1 Datasheet HTML 7Page - Intersil Corporation X9315WMIZ-2.7T1 Datasheet HTML 8Page - Intersil Corporation X9315WMIZ-2.7T1 Datasheet HTML 9Page - Intersil Corporation X9315WMIZ-2.7T1 Datasheet HTML 10Page - Intersil Corporation X9315WMIZ-2.7T1 Datasheet HTML 11Page - Intersil Corporation X9315WMIZ-2.7T1 Datasheet HTML 12Page - Intersil Corporation X9315WMIZ-2.7T1 Datasheet HTML 13Page - Intersil Corporation X9315WMIZ-2.7T1 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN8179.2
December 21, 2009
Typical Rtotal vs. Temperature
Typical Total Resistance Temperature Coefficient
Typical Wiper Resistance
10000
9800
9600
9400
9200
9000
8800
8600
8400
8200
8000
-55
-45
-35 -25
-15
-5
5
15
25
35
45
55
65
75
Temperature
85
95
105 115 125 C°
-55
-350
-300
-250
-200
-150
-100
-50
0
-45
-35
-25
-15
-5
5
15
25
35
Temperature
PPM
45
55
65
75
85
95
105 115
125 °C
0
0
100
200
300
400
500
600
700
800
2
4
6
8
10
12
14
16
Tap
18
20
22
24
26
28
30
32
VCC = 2.7V
X9315


Similar Part No. - X9315WMIZ-2.7T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9315WMIZ-2.7T1 RENESAS-X9315WMIZ-2.7T1 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9315WMIZ-2.7T1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com