Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9317WS8Z Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9317WS8Z
Description  Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317WS8Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9317WS8Z Datasheet HTML 5Page - Intersil Corporation X9317WS8Z Datasheet HTML 6Page - Intersil Corporation X9317WS8Z Datasheet HTML 7Page - Intersil Corporation X9317WS8Z Datasheet HTML 8Page - Intersil Corporation X9317WS8Z Datasheet HTML 9Page - Intersil Corporation X9317WS8Z Datasheet HTML 10Page - Intersil Corporation X9317WS8Z Datasheet HTML 11Page - Intersil Corporation X9317WS8Z Datasheet HTML 12Page - Intersil Corporation X9317WS8Z Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
X9317
9
FN8183.9
November 4, 2014
Submit Document Feedback
Basic Configurations of Electronic Potentiometers
FIGURE 3. THREE TERMINAL POTENTIOMETER; VARIABLE VOLTAGE
DIVIDER
FIGURE 4. TWO TERMINAL VARIABLE RESISTOR; VARIABLE CURRENT
VREF
RW
RH
RL
VREF
I
Basic Circuits
FIGURE 5. BUFFERED REFERENCE VOLTAGE
FIGURE 6. CASCADING TECHNIQUES
FIGURE 7. SINGLE SUPPLY INVERTING
AMPLIFIER
FIGURE 8. VOLTAGE REGULATOR
FIGURE 9. OFFSET VOLTAGE ADJUSTMENT
FIGURE 10. COMPARATOR WITH
HYSTERESIS
-
+
+5V
R1
+V
VREF
VOUT
LMC7101
VOUT = VW/RW
RW
RW
RW
+V
+V
+V
X
(a)
(b)
+
-
R1
VO
LMC7101
R2
+5V
100k
100k
+5V
VS
VO = (R2/R1)VS
R1
R2
Iadj
VO (REG) = 1.25V (1+R2/R1)+Iadj R2
VO (REG)
VIN
317
+
-
VS
VO
R2
R1
100kΩ
10kΩ
10kΩ
10kΩ
+5V
LMC7101
+5V
VUL = {R1/(R1+R2)} VO(max)
VLL = {R1/(R1+R2)} VO(min)
+
-
VS
VO
R2
R1
LT311A


Similar Part No. - X9317WS8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317WS8Z INTERSIL-X9317WS8Z Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317WS8Z INTERSIL-X9317WS8Z Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9317WS8Z RENESAS-X9317WS8Z Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317WS8Z-2.7 INTERSIL-X9317WS8Z-2.7 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317WS8Z-2.7 INTERSIL-X9317WS8Z-2.7 Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9317WS8Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
ISL22424 RENESAS-ISL22424 Datasheet
1Mb / 20P
   Dual Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, SPI짰 Bus, 256 Taps
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL90810 RENESAS-ISL90810 Datasheet
1Mb / 12P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 RENESAS-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
ISL22323 RENESAS-ISL22323 Datasheet
1Mb / 19P
   Dual Digitally Controlled Potentiometer (XDCP) Low Noise, Low Power, I2C Bus, 256 Taps
Aug 17, 2015
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com