Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9317WS8IZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9317WS8IZ
Description  Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317WS8IZ Datasheet(HTML) 2 Page - Intersil Corporation

  X9317WS8IZ Datasheet HTML 1Page - Intersil Corporation X9317WS8IZ Datasheet HTML 2Page - Intersil Corporation X9317WS8IZ Datasheet HTML 3Page - Intersil Corporation X9317WS8IZ Datasheet HTML 4Page - Intersil Corporation X9317WS8IZ Datasheet HTML 5Page - Intersil Corporation X9317WS8IZ Datasheet HTML 6Page - Intersil Corporation X9317WS8IZ Datasheet HTML 7Page - Intersil Corporation X9317WS8IZ Datasheet HTML 8Page - Intersil Corporation X9317WS8IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
X9317
2
FN8183.9
November 4, 2014
Submit Document Feedback
Ordering Information
PART NUMBER
(Notes 1, 2, 3)PART MARKING
VCC LIMITS
(V)
RTOTAL
(kΩ)
TEMPERATURE
RANGE (°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
X9317WM8Z
DCW
5 ±10%
10
0 to +70
8 Ld MSOP
M8.118
X9317WM8IZ
DCT
-40 to +85
8 Ld MSOP
M8.118
X9317WS8Z
X9317W Z
0 to +70
8 Ld SOIC
M8.15E
X9317WS8IZ
X9317W ZI
-40 to +85
8 Ld SOIC
M8.15E
X9317WV8Z
9317W Z
0 to +70
8 Ld TSSOP
M8.173
X9317WV8IZ
9317W IZ
-40 to +85
8 Ld TSSOP
M8.173
X9317UM8Z
DCS
50
0 to +70
8 Ld MSOP
M8.118
X9317UM8IZ
DCR
-40 to +85
8 Ld MSOP
M8.118
X9317US8Z
X9317U Z
0 to +70
8 Ld SOIC
M8.15E
X9317US8IZ
X9317U ZI
-40 to +85
8 Ld SOIC
M8.15E
X9317UV8Z
9317U Z
0 to +70
8 Ld TSSOP
M8.173
X9317UV8IZ
9317U IZ
-40 to +85
8 Ld TSSOP
M8.173
X9317TM8Z
DCN
100
0 to +70
8 Ld MSOP
M8.118
X9317TM8IZ
DCL
-40 to +85
8 Ld MSOP
M8.118
X9317TS8Z
X9317T Z
0 to +70
8 Ld SOIC
M8.15E
X9317TS8IZ
X9317T ZI
-40 to +85
8 Ld SOIC
M8.15E
X9317TV8Z
9317T Z
0 to +70
8 Ld TSSOP
M8.173
X9317TV8IZ
9317T IZ
-40 to +85
8 Ld TSSOP
M8.173
X9317WM8Z-2.7
DCX
2.7 to 5.5
10
0 to +70
8 Ld MSOP
M8.118
X9317WM8IZ-2.7
DCU
-40 to +85
8 Ld MSOP
M8.118
X9317WS8Z-2.7
X9317W ZF
0 to +70
8 Ld SOIC
M8.15E
X9317WS8IZ-2.7
X9317W ZG
-40 to +85
8 Ld SOIC
M8.15E
X9317WV8Z-2.7
9317W FZ
0 to +70
8 Ld TSSOP
M8.173
X9317WV8IZ-2.7
AKZ
-40 to +85
8 Ld TSSOP
M8.173
X9317UM8Z-2.7
AOB
50
0 to +70
8 Ld MSOP
M8.118
X9317UM8IZ-2.7
AOH
-40 to +85
8 Ld MSOP
M8.118
X9317US8Z-2.7
X9317U ZF
0 to +70
8 Ld SOIC
M8.15E
X9317US8IZ-2.7
X9317U ZG
-40 to +85
8 Ld SOIC
M8.15E
X9317UV8Z-2.7
9317U FZ
0 to +70
8 Ld TSSOP
M8.173
X9317UV8IZ-2.7
9317U GZ
-40 to +85
8 Ld TSSOP
M8.173
X9317TM8Z-2.7
DCP
100
0 to +70
8 Ld MSOP
M8.118
X9317TM8IZ-2.7
DCM
-40 to +85
8 Ld MSOP
M8.118
X9317TS8Z-2.7
X9317T ZF
0 to +70
8 Ld SOIC
M8.15E
X9317TS8IZ-2.7
X9317T ZG
-40 to +85
8 Ld SOIC
M8.15E
X9317TV8Z-2.7
9317T FZ
0 to +70
8 Ld TSSOP
M8.173
X9317TV8IZ-2.7
9317T GZ
-40 to +85
8 Ld TSSOP
M8.173
NOTES:
1. Add “T1” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-
free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC JSTD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for X9317. For more information on MSL please see tech brief TB363.


Similar Part No. - X9317WS8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317WS8IZ INTERSIL-X9317WS8IZ Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317WS8IZ INTERSIL-X9317WS8IZ Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9317WS8IZ RENESAS-X9317WS8IZ Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317WS8IZ-2.7 INTERSIL-X9317WS8IZ-2.7 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317WS8IZ-2.7 INTERSIL-X9317WS8IZ-2.7 Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9317WS8IZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
ISL22424 RENESAS-ISL22424 Datasheet
1Mb / 20P
   Dual Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, SPI짰 Bus, 256 Taps
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL90810 RENESAS-ISL90810 Datasheet
1Mb / 12P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 RENESAS-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
ISL22323 RENESAS-ISL22323 Datasheet
1Mb / 19P
   Dual Digitally Controlled Potentiometer (XDCP) Low Noise, Low Power, I2C Bus, 256 Taps
Aug 17, 2015
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com