Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU3151D Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU3151D
Description  4-BIT SINGLE CHIP OTP TINY CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU3151D Datasheet(HTML) 4 Page - New Japan Radio

  NJU3151D Datasheet HTML 1Page - New Japan Radio NJU3151D Datasheet HTML 2Page - New Japan Radio NJU3151D Datasheet HTML 3Page - New Japan Radio NJU3151D Datasheet HTML 4Page - New Japan Radio NJU3151D Datasheet HTML 5Page - New Japan Radio NJU3151D Datasheet HTML 6Page - New Japan Radio NJU3151D Datasheet HTML 7Page - New Japan Radio NJU3151D Datasheet HTML 8Page - New Japan Radio NJU3151D Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NJU3151
- 4 -
s ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3 ~ +7.0
V
Input Voltage
VIN
-0.3 ~ VDD + 0.3
V
Output Voltage
VOUT
-0.3 ~ VDD + 0.3
V
Operating Temperature
Topr
-20 ~ +75
°C
Storage Temperature
Tstg
-55 ~ +125
°C
Note)
The difference of electrical characteristics between NJU3151 (OTP version) and NJU3101
(MASK version)
NJU3101
NJU3151
Supply Voltage (VDD) MIN.
2.4V
2.7V
Supply Current
5V
(IDD1) Max.
4.0mA
30mA
(IDD2) Max.
4.0mA
30mA
(IDD3) Max.
3.8mA
30mA
(IDD4) Max.
4.0
µA
20
µA
3V
(IDD1) Max.
2.0mA
20mA
(IDD2) Max.
2.0mA
20mA
(IDD3) Max.
1.8mA
20mA
(IDD4) Max.
2.0
µA
20
µA


Similar Part No. - NJU3151D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3152 NJRC-NJU3152 Datasheet
129Kb / 11P
   4-BIT SINGLE CHIP OTP TINY CONTROLLER
NJU3152G NJRC-NJU3152G Datasheet
129Kb / 11P
   4-BIT SINGLE CHIP OTP TINY CONTROLLER
NJU3152L NJRC-NJU3152L Datasheet
129Kb / 11P
   4-BIT SINGLE CHIP OTP TINY CONTROLLER
More results

Similar Description - NJU3151D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3152 NJRC-NJU3152 Datasheet
129Kb / 11P
   4-BIT SINGLE CHIP OTP TINY CONTROLLER
NJU3102 NJRC-NJU3102 Datasheet
769Kb / 22P
   4-BIT SINGLE CHIP TINY CONTROLLER
NJU3101 NJRC-NJU3101 Datasheet
758Kb / 22P
   4-BIT SINGLE CHIP TINY CONTROLLER
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3503 NJRC-NJU3503 Datasheet
1Mb / 59P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com