Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9429WV14IZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9429WV14IZ
Description  Single Digitally Controlled Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9429WV14IZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9429WV14IZ Datasheet HTML 6Page - Intersil Corporation X9429WV14IZ Datasheet HTML 7Page - Intersil Corporation X9429WV14IZ Datasheet HTML 8Page - Intersil Corporation X9429WV14IZ Datasheet HTML 9Page - Intersil Corporation X9429WV14IZ Datasheet HTML 10Page - Intersil Corporation X9429WV14IZ Datasheet HTML 11Page - Intersil Corporation X9429WV14IZ Datasheet HTML 12Page - Intersil Corporation X9429WV14IZ Datasheet HTML 13Page - Intersil Corporation X9429WV14IZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN8248.3
October 13, 2008
ONE 6-BIT WIPER COUNTER REGISTER FOR EACH
XDCP.
{D5~D0}: These bits specify the wiper position of the
respective XDCP. The Wiper Counter Register is loaded on
power-up by the value in Data Register 0. The contents of
the WCR can be loaded from any of the other Data Register
or directly. The contents of the WCR can be saved in a DR.
Instruction Format
NOTES:
1. “MACK”/”SACK”: stands for the acknowledge sent by the master/slave.
2. A3 ~ A0”: stands for the device addresses sent by the master.
3. X”: indicates that it is a “0” for testing purpose but physically it is a “don’t care” condition.
4. “I”: stands for the increment operation, SDA held high during
active SCL phase (high).
5. “D”: stands for the decrement operation, SDA held low during active SCL phase (high).
Read Wiper Counter Register (WCR)
Write Wiper Counter Register (WCR)
Read Data Register (DR)
Write Data Register (DR)
S
T
A
R
T
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
S
A
C
K
WIPER POSITION
(SENT BY SLAVE ON SDA)
M
A
C
K
S
T
O
P
01
01
A
3
A
2
0A
0
1
0
0
1
00
00
00
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
S
T
A
R
T
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
S
A
C
K
WIPER POSITION
(SENT BY MASTER ON SDA)
S
A
C
K
S
T
O
P
01
01
A
3
A
2
0A
0
1
0
1
0
00
00
00
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
S
T
A
R
T
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
REGISTER
ADDRESSES
S
A
C
K
WIPER POSITION/DATA
(SENT BY SLAVE ON SDA)
M
A
C
K
S
T
O
P
0101
A
3
A
2
0A
0
1
011
R
1
R
0
00
00
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
S
T
A
R
T
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
REGISTER
ADDRESSES
S
A
C
K
WIPER POSITION/DATA
(SENT BY MASTER ON
SDA)
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
010
1A
3
A
2
0A
0
110
0
R
1
R
0
00
0
0
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
X9429


Similar Part No. - X9429WV14IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9429WV14IZ INTERSIL-X9429WV14IZ Datasheet
367Kb / 21P
   Single Digitally Controlled Potentiometer
X9429WV14IZ INTERSIL-X9429WV14IZ Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9429WV14IZ RENESAS-X9429WV14IZ Datasheet
835Kb / 21P
   Low Noise/Low Power/2-Wire Bus Single Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9429WV14IZ-2.7 INTERSIL-X9429WV14IZ-2.7 Datasheet
367Kb / 21P
   Single Digitally Controlled Potentiometer
logo
Renesas Technology Corp
X9429WV14IZ-2.7 RENESAS-X9429WV14IZ-2.7 Datasheet
835Kb / 21P
   Low Noise/Low Power/2-Wire Bus Single Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9429WV14IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com