Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9511WSIZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9511WSIZ
Description  Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9511WSIZ Datasheet(HTML) 3 Page - Intersil Corporation

  X9511WSIZ Datasheet HTML 1Page - Intersil Corporation X9511WSIZ Datasheet HTML 2Page - Intersil Corporation X9511WSIZ Datasheet HTML 3Page - Intersil Corporation X9511WSIZ Datasheet HTML 4Page - Intersil Corporation X9511WSIZ Datasheet HTML 5Page - Intersil Corporation X9511WSIZ Datasheet HTML 6Page - Intersil Corporation X9511WSIZ Datasheet HTML 7Page - Intersil Corporation X9511WSIZ Datasheet HTML 8Page - Intersil Corporation X9511WSIZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FN8205.3
February 2, 2007
PIN DESCRIPTIONS
VH/RH and VL/RL
The high (VH/RH) and low (VL/RL) terminals of the
X9511 are equivalent to the fixed terminals of a
mechanical potentiometer. The minimum voltage is -
5V and the maximum is +5V. It should be noted that
the terminology of VL/RL and VH/RH are in reference
to the relative position of the terminal in relation to
wiper movement direction selected by the PU and PD
inputs, and not the voltage potential on the terminal.
PU
The debounced PU input is for incrementing the wiper
position. An on-chip pull-up holds the PU input HIGH.
A switch closure to ground or a LOW logic level will,
after a debounce time, move the wiper to the next
adjacent higher tap position.
PD
The debounced PD input is for decrementing the wiper
position. An on-chip pull-up holds the PD input HIGH.
A switch closure to ground or a LOW logic level will,
after a debounce time, move the wiper to the next
adjacent lower tap position.
ASE
The debounced ASE (AUTOSTORE enable) pin can
be in one of two states:
VIL - AUTOSTORE is enabled. When VCC powers
down, an automatic store cycle takes place.
VIH - AUTOSTORE is disabled. A LOW to HIGH will
initiate a manual store operation. This is for the user
who wishes to connect a push button switch to this pin.
For every valid push, the X9511 will store the current
wiper position to the EEPROM.
PIN CONFIGURATION
PIN NAMES
DEVICE OPERATION
There are three sections of the X9511: the input control,
counter and decode section; the EEPROM memory;
and the resistor array. The input control section oper-
ates just like an up/down counter. The output of this
counter is decoded to turn on a single electronic switch,
connecting a point on the resistor array to the wiper out-
put. Under the proper conditions the contents of the
counter can be stored in EEPROM memory and
retained for future use. The resistor array is comprised
of 31 individual resistors connected in series. At either
end of the array and between each resistor is an elec-
tronic switch that transfers the potential at that point to
the wiper.
The X9511 is designed to interface directly to two push
button switches for effectively moving the wiper up or
down. The PU and PD inputs increment or decrement
a 5-bit counter respectively. The output of this counter
is decoded to select one of the thirty-two wiper posi-
tions along the resistive array. The wiper increment
input, PU and the wiper decrement input, PD are both
connected to an internal pull-up so that they normally
remain HIGH. When pulled LOW by an external push
button switch or a logic LOW level input, the wiper will
be switched to the next adjacent tap position.
Internal
debounce
circuitry
prevents
inadvertent
switching of the wiper position if PU or PD remain
LOW for less than 40ms, typical. Each of the buttons
can be pushed either once for a single increment/dec-
rement or continuously for a multiple increments/dec-
rements. The number of increments/decrements of the
wiper position depend on how long the button is being
pushed. When making a continuous push, after the
first
second,
the
increment/decrement
speed
increases. For the first second the device will be in the
slow scan mode. Then if the button is held for longer
than 1 second the device will go into the fast scan
mode. As soon as the button is released the X9511 will
return to a standby condition.
VH
VCC
PU
PD
1
2
3
4
8
7
6
5
X9511
DIP/SOIC
VSS
ASE
VL
VW
SYMBOL
DESCRIPTION
VH/RH
High Terminal
VW/RW
Wiper Terminal
VL/RL
Low Terminal
VSS
Ground
VCC
Supply Voltage
PU
Push Up Input
PD
Push Down Input
ASE
AUTOSTORE Enable Input
X9511


Similar Part No. - X9511WSIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9511WSIZ INTERSIL-X9511WSIZ Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
X9511WSIZ INTERSIL-X9511WSIZ Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
X9511WSIZ INTERSIL-X9511WSIZ Datasheet
201Kb / 9P
   The Intersil X9511 is a push button controlled potenti ometer that is ideal for push button controlled resis tance trimming
logo
Renesas Technology Corp
X9511WSIZ RENESAS-X9511WSIZ Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
logo
Intersil Corporation
X9511WSIZT1 INTERSIL-X9511WSIZT1 Datasheet
201Kb / 9P
   The Intersil X9511 is a push button controlled potenti ometer that is ideal for push button controlled resis tance trimming
More results

Similar Description - X9511WSIZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
logo
Intersil Corporation
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Intersil Corporation
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Renesas Technology Corp
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com