Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL6105ALAFTK Datasheet(PDF) 5 Page - Intersil Corporation

Part # ZL6105ALAFTK
Description  Digital DC/DC Controller with Drivers and Auto Compensation
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL6105ALAFTK Datasheet(HTML) 5 Page - Intersil Corporation

  ZL6105ALAFTK Datasheet HTML 1Page - Intersil Corporation ZL6105ALAFTK Datasheet HTML 2Page - Intersil Corporation ZL6105ALAFTK Datasheet HTML 3Page - Intersil Corporation ZL6105ALAFTK Datasheet HTML 4Page - Intersil Corporation ZL6105ALAFTK Datasheet HTML 5Page - Intersil Corporation ZL6105ALAFTK Datasheet HTML 6Page - Intersil Corporation ZL6105ALAFTK Datasheet HTML 7Page - Intersil Corporation ZL6105ALAFTK Datasheet HTML 8Page - Intersil Corporation ZL6105ALAFTK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
ZL6105
5
FN6906.5
December 19, 2013
Pin Configuration
ZL6105
(36 LD QFN)
TOP VIEW
27
26
25
24
23
22
21
1
2
3
4
5
6
7
DGND
SYNC
SA0
SA1
ILIM
CFG0
SCL
VDD
BST
GH
SW
PGND
GL
VR
8
9
20
19
ISENA
ISENB
SDA
SALRT
EXPOSED PADDLE*
*CONNECT TO SGND
Pin Descriptions
PIN
LABEL
TYPE (Note 1)
DESCRIPTION
1
DGND
PWR
Digital ground. Common return for digital signals. Connect to low impedance ground plane.
2
SYNC
I/O,M (Note 2)
Clock synchronization input. Used to set switching frequency of internal clock or for synchronization to
external frequency reference.
3
SA0
I, M
Serial address select pins. Used to assign unique SMBus address to each IC or to enable certain
management features.
4SA1
5
ILIM
I, M
Current limit select. Sets the overcurrent threshold voltage for ISENA and ISENB.
6
CFG0
I, M
Configuration pin. Used to setup current sharing and non-linear response.
7
SCL
I/O
Serial clock. Connect to external host and/or to other ZL devices.
8
SDA
I/O
Serial data. Connect to external host and/or to other ZL devices.
9
SALRT
O
Serial alert. Connect to external host if desired.
10
FC0
I
Loop compensation configuration pins.
11
FC1
12
V0
I
Output voltage selection pins. Used to set VOUT set-point and VOUT max.
13
V1
14
UVLO
I, M
Undervoltage lockout selection. Sets the minimum value for VDD voltage to enable VOUT.
15
SS
I, M
Soft start pin. Sets the output voltage ramp time during turn-on and turn-off. Sets the delay from when EN
is asserted until the output voltage starts to ramp.
16
VTRK
I
Tracking sense input. Used to track an external voltage source.
17
VSEN+
I
Output voltage feedback. Connect to output regulation point.
18
VSEN-
I
Output voltage feedback. Connect to load return or ground regulation point.
19
ISENB
I
Differential voltage input for current limit.


Similar Part No. - ZL6105ALAFTK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL6105ALAFTK RENESAS-ZL6105ALAFTK Datasheet
1Mb / 35P
   Digital DC/DC Controller with Drivers and Auto Compensation
More results

Similar Description - ZL6105ALAFTK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL6105 RENESAS-ZL6105 Datasheet
1Mb / 35P
   Digital DC/DC Controller with Drivers and Auto Compensation
logo
Intersil Corporation
ZL6105 INTERSIL-ZL6105 Datasheet
1Mb / 35P
   Digital DC/DC Controller with Drivers and Auto
logo
Xicor Inc.
ZL8101 XICOR-ZL8101 Datasheet
928Kb / 36P
   Adaptive Digital DC/DC PWM Controller with Auto Compensation
logo
Intersil Corporation
ZL8101 INTERSIL-ZL8101_14 Datasheet
924Kb / 36P
   Adaptive Digital DC/DC PWM Controller with Auto Compensation
July 13, 2012
logo
Renesas Technology Corp
ZL8101 RENESAS-ZL8101 Datasheet
1Mb / 36P
   Adaptive Digital DC/DC PWM Controller with Auto Compensation
logo
Intersil Corporation
ZL8101 INTERSIL-ZL8101 Datasheet
924Kb / 36P
   Adaptive Digital DC/DC PWM Controller with Auto Compensation
July 13, 2012
ZL6100ALAF INTERSIL-ZL6100ALAF Datasheet
803Kb / 34P
   Adaptive Digital DC/DC Controller with Drivers and Current Sharing
August 29, 2012
ZL2006 INTERSIL-ZL2006 Datasheet
959Kb / 45P
   Adaptive Digital DC-DC Controller with Drivers and Current Sharing
ZL6100 INTERSIL-ZL6100 Datasheet
540Kb / 33P
   Adaptive Digital DC/DC Controller with Drivers and Current Sharing
ZL2006 INTERSIL-ZL2006_14 Datasheet
776Kb / 45P
   Adaptive Digital DC-DC Controller with Drivers and Current Sharing
December 15, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com