Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10E167JCTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10E167JCTR
Description  6-BIT 2:1 MUX-REGISTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E167JCTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10E167JCTR Datasheet HTML 1Page - Micrel Semiconductor SY10E167JCTR Datasheet HTML 2Page - Micrel Semiconductor SY10E167JCTR Datasheet HTML 3Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5-127
SY10E167
SY100E167
SYNERGY
SEMICONDUCTOR
© 1999 Micrel-Synergy
s 1000MHz min. operating frequency
s Extended 100E VEE range of –4.2V to –5.5V
s 800ps max. clock to output
s Single-ended outputs
s Asynchronous Master Reset
s Dual clocks
s Fully compatible with industry standard 10KH,
100K ECL levels
s Internal 75K
input pulldown resistors
s ESD protection of 2000V
s Fully compatible with Motorola MC10E/100E167
s Available in 28-pin PLCC package
FEATURES
The SY10/100E167 offer six 2:1 multiplexers followed
by D flip-flops with single-ended outputs, designed for use
in new, high-performance ECL systems. The Select (SEL)
control allows one of the two data inputs to the multiplexer
to pass through. The two external clock signals (CLK1,
CLK2) are gated through a logical OR operation before use
as control for the six flip-flops.
The selected data are
transferred to the flip-flops on the rising edge of CLK1 or
CLK2 (or both).
The multiplexer operation is controlled by the Select
(SEL) signal which selects one of the two bits of input data
at each mux to be passed through.
When a logic HIGH is applied to the Master Reset (MR)
signal, it operates asychronously to take all outputs Q to a
logic LOW.
DESCRIPTION
6-BIT 2:1 MUX-REGISTER
Rev.: C
Amendment: /1
Issue Date: February, 1998
SY10E167
SY100E167
BLOCK DIAGRAM
PIN NAMES
Pin
Function
D0a–D5a
Input Data a
D0b–D5b
Input Data b
SEL
Select Input
CLK1, CLK2
Clock Inputs
MR
Master Reset
Q0–Q5
Data Outputs
VCCO
VCC to Output
PIN CONFIGURATION
TOP VIEW
PLCC
J28-1
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25 24 23 22 21 20 19
5
6
7
8
9
10 11
VEE
D5b
D0a
MR
CLK2
CLK1
SEL
VCC
Q5
Q4
Q1
Q3
Q2
VCCO
D
R
Q
MUX
SEL
D
R
Q
D
R
Q
D
R
Q
D
R
Q
D
R
Q0
Q1
Q2
Q3
Q4
Q5
Q
MR
D0a
CLK1
CLK2
SEL
D0b
D1a
D1b
D2a
D2b
D3a
D3b
D4a
D4b
D5a
D5b
MUX
SEL
MUX
SEL
MUX
SEL
MUX
SEL
MUX
SEL


Similar Part No. - SY10E167JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160 Datasheet
60Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
SY10E160 MICREL-SY10E160 Datasheet
62Kb / 5P
   12-BIT PARITY GENERATOR/CHECKER
SY10E160JC MICREL-SY10E160JC Datasheet
60Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
SY10E160JC MICREL-SY10E160JC Datasheet
62Kb / 5P
   12-BIT PARITY GENERATOR/CHECKER
SY10E160JCTR MICREL-SY10E160JCTR Datasheet
60Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
More results

Similar Description - SY10E167JCTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E167 ONSEMI-MC10E167 Datasheet
105Kb / 4P
   6-BIT 2:1 MUX-REGISTER
REV 2
MC10E167 ONSEMI-MC10E167_06 Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
MC10E155 ONSEMI-MC10E155 Datasheet
105Kb / 4P
   6-BIT 2:1 MUX-LATCH
1996 REV 3
logo
Micrel Semiconductor
SY10E155 MICREL-SY10E155 Datasheet
60Kb / 4P
   6-BIT 2:1 MUX-LATCH
SY10E155 MICREL-SY10E155_06 Datasheet
66Kb / 4P
   6-BIT 2:1 MUX-LATCH
logo
ON Semiconductor
MC10E154 ONSEMI-MC10E154 Datasheet
107Kb / 4P
   5-BIT 2:1 MUX-LATCH
1996 REV 2
logo
Micrel Semiconductor
SY10E154 MICREL-SY10E154_06 Datasheet
63Kb / 4P
   5-BIT 2:1 MUX-LATCH
SY10E154 MICREL-SY10E154 Datasheet
61Kb / 4P
   5-BIT 2:1 MUX-LATCH
logo
Integrated Circuit Syst...
ICS83841 ICST-ICS83841 Datasheet
123Kb / 8P
   20 BIT, DDR SDRAM 2:1 MUX
logo
Integrated Device Techn...
IDT74FST163233 IDT-IDT74FST163233 Datasheet
82Kb / 6P
   16-BIT 2:1 MUX/DEMUX SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com