Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL8800ALBFT Datasheet(PDF) 9 Page - Intersil Corporation

Part # ZL8800ALBFT
Description  Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL8800ALBFT Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ZL8800ALBFT Datasheet HTML 5Page - Intersil Corporation ZL8800ALBFT Datasheet HTML 6Page - Intersil Corporation ZL8800ALBFT Datasheet HTML 7Page - Intersil Corporation ZL8800ALBFT Datasheet HTML 8Page - Intersil Corporation ZL8800ALBFT Datasheet HTML 9Page - Intersil Corporation ZL8800ALBFT Datasheet HTML 10Page - Intersil Corporation ZL8800ALBFT Datasheet HTML 11Page - Intersil Corporation ZL8800ALBFT Datasheet HTML 12Page - Intersil Corporation ZL8800ALBFT Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
ZL8800
9
FN7558.3
September 14, 2015
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage: VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 17V
Logic I/O Voltage: DDC, EN0, EN1, MGN0, MGN1, PG0,
PG1, SA, VDRVEN, SALRT, SCL, SDA, SYNC, UVLO,
VMON, VSET0, VSET1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Analog Input Voltages: VSEN0P, VSEN0N, VSEN1P, VSEN1N,
VTRKP, VTRKN, ISENA0, ISENA1, ISENB0, ISENB1 . . . . . . -0.3V to 6.5V
XTEMP0P, XTEMP1P . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
XTEMP0N, XTEMP1N . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 0.3V
IINN, IINP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 17V
Logic Reference: V25 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 3V
Bias Supplies: VR5, VR6, VDRV. . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
PWM Logic OUTPUTS, PWMH0, PWMH1, PWML0, PWML1 . . .-0.3V to 6.5V
Ground Voltage Differential (VDGND-VSGND), . . . . . . . . . . . . . . .-0.3V to +0.3V
ESD Ratings
Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . 3000V
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . . 200V
Charged Device Model (Tested per JESD22-C1010-D) . . . . . . . . . . 1000V
Latch-up (Tested per JESD78C; Class 2, Level A) . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
44 Ld QFN Package (Notes 7, 8) . . . . . . . .
25
1.5
Storage Temperature range . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Input Supply Voltage Range, VDD . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 14V
Output Voltage Range, VOUT. . . . . . . . . . . . . . . . . . . . . . . . . . . 0.54V to 5.5V
Operating Junction Temperature Range, TJ. . . . . . . . . . . .-40°C to +125°C
Ambient Temperature Range, TA . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
5V (VR5) Supply Total Supplied Current (Note 9) . . . . . . . . . . . . . . . . . 5mA
5V LDO Supply (VDRV) (Note 6) . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to 80mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6. Output current is limited by device thermal dissipation.
7.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
8. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
9. Total of current used by pull-ups to SDA, SCL, SALRT, DDC, EN, PG (including push-pull configuration).
Electrical Specifications VDD = 12V. Typical values are at TA = +25°C. Boldface limits apply across the operating ambient temperature
range, TA -40°C to +85°C
PARAMETER
TEST CONDITIONS
MIN
(Note 15)TYP
MAX
(Note 15)UNIT
IC INPUT AND BIAS SUPPLY CHARACTERISTICS
IDD Supply Current
fSW = 200kHz
-
26
50
mA
fSW = 1.33MHz
-
50
80
mA
IDD Device Disabled Current
EN = 0V, SMBus inactive, VDD = 12V, fSW = 400kHz
-
20
30
mA
VR5 Reference Output Voltage
VDD > 6V, I < 5mA
4.5
5.0
5.5
V
V25 Reference Output Voltage
For Reference only, VR > 3V
2.25
2.5
2.75
V
VR6 Reference Output Voltage
For Reference only, VDD = 12V
5.5
6.1
6.6
V
VDRV 5V Output Voltage (Note 10)VDD > 6.0V; 0-80mA
4.5
5.25
5.5
V
OUTPUT CHARACTERISTICS
Output Voltage Adjustment Range
VIN > VOUT + 1.8V
0.54
-
5.5
V
Output Voltage Set-point Accuracy (Note 12)
Across line, load, temperature variation
0.72 < VOUT <5.50
-1
-
1
% VOUT
Output Voltage Set-point Resolution (Note 11)
Set using PMBus™ command
-
±0.025
-
% VOUT
Output Voltage Positive Sensing Bias Current
VSEN[0,1] P = 4V (negative = sinking)
-100
20
100
µA
Output Voltage Negative Sensing Bias Current
VSEN[0,1] N = 0V
-
20
-
µA
LOGIC INPUT/OUTPUT CHARACTERISTICS
Logic Input Leakage Current
Logic I/O - Multimode Pins
-100
-
100
nA
Logic Input Low, VIL
--
0.8
V
Logic Input High, VIH
2
--
V
Logic Output Low, VOL
2mA sinking
-
-
0.5
V
Logic Output High, VOH
2mA sourcing
2.25
--
V


Similar Part No. - ZL8800ALBFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL8800ALBFT RENESAS-ZL8800ALBFT Datasheet
3Mb / 88P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
ZL8800ALBFT7A RENESAS-ZL8800ALBFT7A Datasheet
3Mb / 88P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
ZL8800ALBFTK RENESAS-ZL8800ALBFTK Datasheet
3Mb / 88P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
More results

Similar Description - ZL8800ALBFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL8800 RENESAS-ZL8800 Datasheet
3Mb / 88P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
logo
Intersil Corporation
ZL8800 INTERSIL-ZL8800 Datasheet
1Mb / 82P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
logo
Renesas Technology Corp
ZL8802 RENESAS-ZL8802 Datasheet
2Mb / 91P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
ZL8801 RENESAS-ZL8801 Datasheet
2Mb / 87P
   Dual Phase PMBus??ChargeMode??Control DC/DC Digital Controller
logo
Intersil Corporation
ZL8802ALAFT INTERSIL-ZL8802ALAFT Datasheet
2Mb / 91P
   Dual Channel/Dual Phase PMBus™ ChargeMode™ Control DC/DC Digital Controller
December 11, 2015
ZL8801ALAFTK INTERSIL-ZL8801ALAFTK Datasheet
1Mb / 87P
   Dual Phase PMBus™ ChargeMode™ Control DC/DC Digital Controller
March 27, 2015
logo
Rohm
PV4220 ROHM-PV4220 Datasheet
658Kb / 3P
   Dual-Phase Digital DC/DC Buck Controller with Auto-Control SMBus??PMBusTM
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
   Digital DC/DC Controller with PMBus Interface
logo
STMicroelectronics
L99LD02 STMICROELECTRONICS-L99LD02 Datasheet
1Mb / 66P
   Automotive dual-phase boost DC/DC controller
January 2020 Rev 3
logo
Renesas Technology Corp
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
   Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com