Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA93L-T92-B Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MPSA93L-T92-B
Description  HIGH VOLTAGE PNP TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSA93L-T92-B Datasheet(HTML) 1 Page - Unisonic Technologies

  MPSA93L-T92-B Datasheet HTML 1Page - Unisonic Technologies MPSA93L-T92-B Datasheet HTML 2Page - Unisonic Technologies MPSA93L-T92-B Datasheet HTML 3Page - Unisonic Technologies MPSA93L-T92-B Datasheet HTML 4Page - Unisonic Technologies MPSA93L-T92-B Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MPSA92/93
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., LTD
QW-R201-019.F
HIGH VOLTAGE PNP
TRANSISTOR
DESCRIPTION
The UTC MPSA92/93 are high voltage PNP transistors,
designed for telephone signal switching and for high voltage
amplifier.
FEATURES
* High Collector-Emitter voltage:
-VCEO=-300V (UTC MPSA92)
-VCEO=-200V (UTC MPSA93)
* Collector Dissipation:
-PC(max)=625mW
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
-
MPSA92G-AB3-R
SOT-89
B
C
E
Tape Reel
MPSA92L-T92-B
MPSA92G-T92-B
TO-92
E
B
C
Tape Box
MPSA92L-T92-K
MPSA92G-T92-K
TO-92
E
B
C
Bulk
MPSA92L-T9N-B
MPSA92G-T9N-B
TO-92NL
E
B
C
Tape Box
MPSA92L-T9N-K
MPSA92G-T9N-K
TO-92NL
E
B
C
Bulk
-
MPSA93G-AB3-R
SOT-89
B
C
E
Tape Reel
MPSA93L-T92-B
MPSA93G-T92-B
TO-92
E
B
C
Tape Box
MPSA93L-T92-K
MPSA93G-T92-K
TO-92
E
B
C
Bulk
Note: Pin Assignment: B: Base
C: Collector
E: Emitter


Similar Part No. - MPSA93L-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA93L-T92-B UTC-MPSA93L-T92-B Datasheet
147Kb / 4P
   HIGH VOLTAGE PNP TRANSISTOR
MPSA93L-T92-B UTC-MPSA93L-T92-B Datasheet
147Kb / 4P
   HIGH VOLTAGE PNP TRANSISTOR
MPSA93L-T92-B UTC-MPSA93L-T92-B Datasheet
175Kb / 5P
   HIGH VOLTAGE PNP TRANSISTOR
More results

Similar Description - MPSA93L-T92-B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PH5416 PHILIPS-PH5416 Datasheet
50Kb / 8P
   PNP high-voltage transistor
1997 Apr 22
BFT45 PHILIPS-BFT45 Datasheet
52Kb / 8P
   PNP high-voltage transistor
1997 Apr 18
PMBTA92 PHILIPS-PMBTA92 Datasheet
41Kb / 6P
   PNP high-voltage transistor
2004 Jan 22
logo
Guilin Strong Micro-Ele...
GMBTA94 GSME-GMBTA94 Datasheet
333Kb / 2P
   PNP High Voltage Transistor
logo
NXP Semiconductors
PMBTA92 NXP-PMBTA92 Datasheet
106Kb / 6P
   PNP high-voltage transistor
2004 Jan 22
logo
Solid States Devices, I...
SFT5094 SSDI-SFT5094_1 Datasheet
155Kb / 3P
   High Voltage PNP Transistor
logo
Nexperia B.V. All right...
BSS63-Q NEXPERIA-BSS63-Q Datasheet
180Kb / 7P
   PNP high-voltage transistor
10 June 2022
BSS63 NEXPERIA-BSS63 Datasheet
286Kb / 7P
   PNP high-voltage transistor
2004 Jan 16
PMSTA92 NEXPERIA-PMSTA92 Datasheet
186Kb / 8P
   PNP high-voltage transistor
16 May 2019
logo
NXP Semiconductors
BSP16 PHILIPS-BSP16 Datasheet
42Kb / 8P
   PNP high-voltage transistor
1999 Apr 28
MMBTA92 PHILIPS-MMBTA92 Datasheet
43Kb / 8P
   PNP high-voltage transistor
2000 Apr 11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com