Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL8802ALAFT Datasheet(PDF) 9 Page - Intersil Corporation

Part # ZL8802ALAFT
Description  Dual Channel/Dual Phase PMBus™ ChargeMode™ Control DC/DC Digital Controller
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL8802ALAFT Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ZL8802ALAFT Datasheet HTML 5Page - Intersil Corporation ZL8802ALAFT Datasheet HTML 6Page - Intersil Corporation ZL8802ALAFT Datasheet HTML 7Page - Intersil Corporation ZL8802ALAFT Datasheet HTML 8Page - Intersil Corporation ZL8802ALAFT Datasheet HTML 9Page - Intersil Corporation ZL8802ALAFT Datasheet HTML 10Page - Intersil Corporation ZL8802ALAFT Datasheet HTML 11Page - Intersil Corporation ZL8802ALAFT Datasheet HTML 12Page - Intersil Corporation ZL8802ALAFT Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
ZL8802
9
FN8760.0
August 6, 2015
Submit Document Feedback
PWM OUTPUT CHARACTERISTICS
PWM Output Low
2mA sinking
-
-
0.5
V
PWM Output High
2mA sourcing
4.25
--
V
PWM Tri-state Input Bias Current (PWMH0, 1)
VPWM = 2.5V
-
-
10
µA
PWM Tri-state transition (always starts from LOW) 10pF max load
1
µs
OSCILLATOR AND SWITCHING CHARACTERISTICS
Switching Frequency Range
200
-
1334
kHz
Switching Frequency Set-point Accuracy
-5
-
5
%
Minimum SYNC Pulse Width
50% to 50%
150
--
ns
Input Clock Frequency Drift Tolerance
Maximum allowed drift of external clock
-10
-
10
%
PMBus™ Clock Frequency (Note 12)
100
-
400
kHz
POWER MANAGEMENT
SOFT START/RAMP CHARACTERISTICS
Ton-delay/Toff-delay Range
Set using PMBus™ command
0
5000
ms
Ton-delay Accuracy
2-phase ton delay > 4ms
-
+/-1
-
ms
Toff-delay Accuracy
Set to immediate off
-0/+1
ms
Ton-rise/Toff-fall Duration Range
Set using PMBus™ command (2-phase or 2-channel only)
0.0
100
ms
Ton-rise/Toff-fall Duration Accuracy
2-phase or 2-channel only
-
±250
-
µs
MONITORING AND FAULT MANAGEMENT
INPUT VOLTAGE MONITOR AND FAULT DETECTION
VDD/VIN UVLO Threshold Range
2.85
-
16
V
VDD/VIN Monitor Accuracy
Full Scale (FS) = 14V
-
±2
-
% FS
VDD/VIN Monitor Resolution
Full Scale (FS) = 14V
-
±0.15
-
% FS
VIN UV Fault Response delay
-
100
-
µs
INPUT CURRENT
Input Current Sense Differential Input Voltage
VIINP-VIINN
0
-
20
mV
Input Current Sense Input Offset Voltage
VIINP-VIINN
-±100-
µV
Input Current Sense Accuracy
% of full scale (20mV)
-
±5
-
% FS
OUTPUT VOLTAGE MONITOR AND FAULT DETECTION
VOUT Monitor Accuracy
FS = VSET voltage (VOUT)
-2
-
2
% FS
VOUT Monitor Resolution
FS = VSET voltage (VOUT)
-
± 0.15
-
% FS
VOUT UV Fault Response Delay
-10-
µs
OUTPUT CURRENT
OUTPUT CURRENT SENSE RESOLUTION
Low Range
±25mV Full Scale
-
37.5
-
µV
Medium Range
±35mV Full Scale
-
56.25
-
µV
High Range
±50mV Full Scale
-
75.0
-
µV
OUTPUT CURRENT SENSE INPUT BIAS CURRENT
VOUT Referenced
ISENA0 or ISENA1
-100
-
100
nA
ISENB0 or ISENB1
-25
-
25
µA
OUTPUT CURRENT SENSE MONITOR AND FAULT DETECTION
Output Current DCR Monitor Temperature
Compensation
Configurable via PMBus™
0
12700 ppm/°C
Electrical Specifications VDD = 12V. Typical values are at TA = +25°C. Boldface limits apply across the operating ambient temperature
range, TA -40°C to +85°C (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 14)TYP
MAX
(Note 14)UNIT


Similar Part No. - ZL8802ALAFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL8802ALAFT RENESAS-ZL8802ALAFT Datasheet
2Mb / 91P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
ZL8802ALAFT7A RENESAS-ZL8802ALAFT7A Datasheet
2Mb / 91P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
ZL8802ALAFTK RENESAS-ZL8802ALAFTK Datasheet
2Mb / 91P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
More results

Similar Description - ZL8802ALAFT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL8801ALAFTK INTERSIL-ZL8801ALAFTK Datasheet
1Mb / 87P
   Dual Phase PMBus™ ChargeMode™ Control DC/DC Digital Controller
March 27, 2015
logo
Renesas Technology Corp
ZL8800 RENESAS-ZL8800 Datasheet
3Mb / 88P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
logo
Intersil Corporation
ZL8800ALAFTK INTERSIL-ZL8800ALAFTK Datasheet
1Mb / 84P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
September 14, 2015
ZL8800 INTERSIL-ZL8800 Datasheet
1Mb / 82P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
logo
Renesas Technology Corp
ZL8802 RENESAS-ZL8802 Datasheet
2Mb / 91P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
ZL8801 RENESAS-ZL8801 Datasheet
2Mb / 87P
   Dual Phase PMBus??ChargeMode??Control DC/DC Digital Controller
logo
Rohm
PV4220 ROHM-PV4220 Datasheet
658Kb / 3P
   Dual-Phase Digital DC/DC Buck Controller with Auto-Control SMBus??PMBusTM
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
   Digital DC/DC Controller with PMBus Interface
logo
STMicroelectronics
STPDDC60 STMICROELECTRONICS-STPDDC60 Datasheet
97Kb / 3P
   Universal digital multicell controller with PMBus™
March 2018 Rev 1
L99LD02 STMICROELECTRONICS-L99LD02 Datasheet
1Mb / 66P
   Automotive dual-phase boost DC/DC controller
January 2020 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com