Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP127L-T6S-K Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TIP127L-T6S-K
Description  PNP EPITAXIAL TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP127L-T6S-K Datasheet(HTML) 1 Page - Unisonic Technologies

  TIP127L-T6S-K Datasheet HTML 1Page - Unisonic Technologies TIP127L-T6S-K Datasheet HTML 2Page - Unisonic Technologies TIP127L-T6S-K Datasheet HTML 3Page - Unisonic Technologies TIP127L-T6S-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TIP127
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R203-005. I
PNP EPITAXIAL TRANSISTOR
DESCRIPTION
The UTC TIP127 is a PNP epitaxial transistor, designed for use
in general purpose amplifier low-speed switching applications.
EQUIVALENT TEST (R1 ≈8kΩ, R2 ≈0.12kΩ)
R1
R2
E
B
C
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
TIP127L-TA3-T
TIP127G-TA3-T
TO-220
B
C
E
Tube
TIP127L-TF3-T
TIP127G-TF3-T
TO-220F
B
C
E
Tube
TIP127L-T60-K
TIP127G-T60-K
TO-126
E
C
B
Bulk
TIP127L-T6S-K
TIP127G-T6S-K
TO-126S
E
C
B
Bulk
Note: Pin assignment: E: Emitter
B: Base
C: Collector
MARKING
TO-220 / TO-220F
TO-126 / TO-126S


Similar Part No. - TIP127L-T6S-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TIP127L-T60-K UTC-TIP127L-T60-K Datasheet
217Kb / 4P
   PNP EPITAXIAL TRANSISTOR
More results

Similar Description - TIP127L-T6S-K

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GJ8550 GTM-GJ8550 Datasheet
129Kb / 2P
   PNP EPITAXIAL TRANSISTOR
GMBT9012 GTM-GMBT9012 Datasheet
221Kb / 2P
   PNP EPITAXIAL TRANSISTOR
GBC327 GTM-GBC327 Datasheet
189Kb / 3P
   PNP EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
TIP127 UTC-TIP127_09 Datasheet
217Kb / 4P
   PNP EPITAXIAL TRANSISTOR
logo
GTM CORPORATION
GSMBT8550 GTM-GSMBT8550 Datasheet
158Kb / 2P
   PNP EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
2SA1020N1PT CHENMKO-2SA1020N1PT Datasheet
128Kb / 4P
   PNP Epitaxial Transistor
2SB772ZPT CHENMKO-2SB772ZPT Datasheet
141Kb / 4P
   PNP Epitaxial Transistor
2SB1386PPT CHENMKO-2SB1386PPT Datasheet
389Kb / 3P
   PNP Epitaxial Transistor
2SA1213PT CHENMKO-2SA1213PT Datasheet
154Kb / 4P
   PNP Epitaxial Transistor
2SB1386PT CHENMKO-2SB1386PT Datasheet
159Kb / 3P
   PNP Epitaxial Transistor
logo
Unisonic Technologies
TIP107 UTC-TIP107_09 Datasheet
168Kb / 4P
   PNP EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com