Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUL1102L-TQ2-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TUL1102L-TQ2-T
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TUL1102L-TQ2-T Datasheet(HTML) 2 Page - Unisonic Technologies

  TUL1102L-TQ2-T Datasheet HTML 1Page - Unisonic Technologies TUL1102L-TQ2-T Datasheet HTML 2Page - Unisonic Technologies TUL1102L-TQ2-T Datasheet HTML 3Page - Unisonic Technologies TUL1102L-TQ2-T Datasheet HTML 4Page - Unisonic Technologies TUL1102L-TQ2-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TUL1102
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R203-034.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage (VBE = 0)
VCES
1100
V
Collector-Emitter Voltage (IB = 0)
VCEO
450
V
Emitter-Base Voltage (IC = 0)
VEBO
12
V
Collector Current
IC
4
A
Collector Peak Current (tP <5 ms)
ICM
8
A
Base Current
IB
2
A
Base Peak Current (tP <5 ms)
IBM
4
A
Power Dissipation
(TC = 25°C)
TO-220/TO-263
PD
70
W
TO-220F1
30
TO-251/TO-252
45
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are the values beyond which the device will be damaged permanently.
Absolute maximum ratings are only stress ratings and it is not implied for functional device operation.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
TO-220/TO-263
θJC
1.78
°C/W
TO-220F1
4.2
TO-251/TO-252
2.78
ELECTRICAL CHARACTERISTICS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cut-off Current
ICES
VCE = 1100 V, VBE = 0
100
µA
Emitter Cut-off Current
IEBO
VEB = 12 V, IB = 0
1
mA
Collector-Emitter Sustaining Voltage
VCEO(SUS) IC = 100mA, IB = 0 (Note)
450
V
Collector-Emitter Saturation Voltage
VCE(SAT) IC = 2 A, IB = 400 mA (Note)
1.5
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC = 2 A, IB = 400 mA (Note)
1.5
V
DC Current Gain (Note)
hFE
IC = 250mA, VCE = 5 V
IC = 2A, VCE =5V
35
12
70
20
Resistive Load
Storage Time
tS
IC = 2.5 A,
VCC= 250 V
IB1=0.5A,IB2=1A
2.5
µs
Fall Time
tF
TP = 30 ms
300
ns
Avalanche Energy
EAR
L = 2mH, C = 1.8nF
IBR ≤ 2.5A, 25°C < TC <125°C
6
mJ
Note: Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %


Similar Part No. - TUL1102L-TQ2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TUL1102L-TQ2-T UTC-TUL1102L-TQ2-T Datasheet
248Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - TUL1102L-TQ2-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com