Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100E193JC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100E193JC
Description  ERROR DETECTION/ CORRECTION CIRCUIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E193JC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100E193JC Datasheet HTML 1Page - Micrel Semiconductor SY100E193JC Datasheet HTML 2Page - Micrel Semiconductor SY100E193JC Datasheet HTML 3Page - Micrel Semiconductor SY100E193JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pin
Function
B0–B7
Check Bit Inputs
BPAR
Check Bit Parity Input
EV/OD
Even/Odd Parity Select
EN
Parity Enable
HOLD
Syndrome Hold Input
S-IN
Syndrome Bit Input
SHIFT
Syndrome Bit Shift
CLK
Clock Input
P1–P5
Parity Output
PGEN
Parity Generate Output
PARERR/PARERR
Parity Error Output
VCCO
VCC to Output
s Hamming code generation
s Extended 100E VEE range of –4.2V to –5.5V
s 8-bit wide
s Expandable for more width
s Provides parity register
s Fully compatible with industry standard 10KH,
100K ECL levels
s Internal75K
input pulldown resistors
s Fully compatible with Motorola MC10E/100E193
s Available in 28-pin PLCC package
FEATURES
The SY10/100E193 are error detection and correction
(EDAC) circuits designed for use in new, high- performance
ECL systems. The E193 generates hamming parity codes
on an 8-bit word as shown in the block diagram. The P5
output gives the parity of the whole word. PGEN provides
word parity after Odd/Even parity control and gating with
the BPAR input. PGEN also feeds into a 1-bit shiftable
register for use as part of a scan ring.
The combinatorial part of the device generates the same
code pattern as the Motorola MC10193.
Used in conjunction with 12-bit parity generators, such
as the E160, a SECDED (single error correction, double
error detection) error system can be designed for a multiple
of an 8-bit word.
DESCRIPTION
ERROR DETECTION/
CORRECTION CIRCUIT
PIN CONFIGURATION
PIN NAMES
Rev.: C
Amendment: /1
Issue Date:
February, 1998
SY10E193
SY100E193
TOP VIEW
PLCC
J28-1
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25 24 23 22 21 20 19
5
6
7
8
9
10 11
VCC
PARERR
P3
P5
PARERR
VCCO
P4
VEE
B3
BPAR
B2
B1
B0
EV/OD
1


Similar Part No. - SY100E193JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E193JC MICREL-SY100E193JC Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
SY100E193JCTR MICREL-SY100E193JCTR Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
More results

Similar Description - SY100E193JC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
logo
Renesas Technology Corp
ACS630MS RENESAS-ACS630MS Datasheet
676Kb / 3P
   Radiation Hardened EDAC (Error Detection and Correction Circuit)
January 1996
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
logo
Intersil Corporation
ACS630MS INTERSIL-ACS630MS Datasheet
489Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction Circuit)
January 1996
ACTS630MS INTERSIL-ACTS630MS Datasheet
489Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction)
January 1996
logo
Renesas Technology Corp
ACTS630MS RENESAS-ACTS630MS Datasheet
683Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction)
January 1996
logo
Sanyo Semicon Device
LC7073 SANYO-LC7073 Datasheet
193Kb / 11P
   Error Detection Correction LSIs for RDS Demodulators
logo
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com