Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10E195JCTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY10E195JCTR
Description  PROGRAMMABLE DELAY CHIP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E195JCTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY10E195JCTR Datasheet HTML 1Page - Micrel Semiconductor SY10E195JCTR Datasheet HTML 2Page - Micrel Semiconductor SY10E195JCTR Datasheet HTML 3Page - Micrel Semiconductor SY10E195JCTR Datasheet HTML 4Page - Micrel Semiconductor SY10E195JCTR Datasheet HTML 5Page - Micrel Semiconductor SY10E195JCTR Datasheet HTML 6Page - Micrel Semiconductor SY10E195JCTR Datasheet HTML 7Page - Micrel Semiconductor SY10E195JCTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ClockWorks™
SY10E195
SY100E195
Micrel
APPLICATIONS INFORMATION
Cascading Multiple E195s
To increase the programmable range of the E195,
internal cascade circuitry has been included. This circuitry
allows for the cascading of multiple E195s without the
need for any external gating. Furthermore, this capability
requires only one more address line per added E195.
Obviously, cascading multiple PDCs will result in a larger
programmable range; however, this increase is at the
expense of a longer minimum delay.
Figure 1 illustrates the interconnect scheme for
cascading two E195s. As can be seen, this scheme can
easily be expanded for larger E195 chains. The D7 input
of the E195 is the cascade control pin.
With the
interconnect scheme of Figure 1, when D7 is asserted, it
signals the need for a larger programmable range than
is achievable with a single device.
An expansion of the latch section of the block diagram
is pictured below. Use of this diagram will simplify the
explanation of how the cascade circuitry works. When
D7 of chip #1 above is low, the cascade output will also
be low, while the cascade bar output will be a logical
high. In this condition, the SET MIN pin of chip #2 will
be asserted and, thus, all of the latches of chip #2 will
be reset and the device will be set at its minimum delay.
Since the RESET and SET inputs of the latches are
overriding, any changes on the A0–A6 address bus will
not affect the operation of chip #2.
Chip #1, on the other hand, will have both SET MIN
and SET MAX de-asserted so that its delay will be
controlled entirely by the address bus A0–A6. If the delay
needed is greater than can be achieved with 31.75 gate
delays (1111111 on the A0–A6 address bus), D7 will be
asserted to signal the need to cascade the delay to the
next E195 device. When D7 is asserted, the SET MIN
pin of chip #2 will be de-asserted and the delay will be
controlled by the A0–A6 address bus. Chip #1, on the
other hand, will have its SET MAX pin asserted, resulting
in the device delay to be independent of the A0–A6
address bus.
When the SET MAX pin of chip #1 is asserted, the D0
and D1 latches will be reset while the rest of the latches
will be set.
In addition, to maintain monotonicity, an
additional gate delay is selected in the cascade circuitry.
As a result, when D7 of chip #1 is asserted, the delay
increases from 31.75 gates to 32 gates. A 32-gate delay
is the maximum delay setting for the E195.
To expand this cascading scheme to more devices,
one simply needs to connect the D7 input and CASCADE
outputs of the current most significant E195 to the new
most significant E195 in the same manner as pictured in
Figure 1. The only addition to the logic is the increase
of one line to the address bus for cascade control of the
second PDC.
Figure 1. Cascading Interconnect Architecture
E196
Chip #1
D1
D0
LEN
VEE
IN
VBB
IN
VCC
VCCO
Q
VCCO
Q
E196
Chip #2
D1
D0
LEN
VEE
IN
VBB
IN
VCC
VCCO
Q
VCCO
Q
ADDRESS BUS (A0 – A6)
A7
Input
Output


Similar Part No. - SY10E195JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E195JCTR MICREL-SY10E195JCTR Datasheet
77Kb / 8P
   PROGRAMMABLE DELAY CHIP
More results

Similar Description - SY10E195JCTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E195 ONSEMI-MC10E195 Datasheet
88Kb / 5P
   PROGRAMMABLE DELAY CHIP
REV 3
logo
Micrel Semiconductor
SY10E195 MICREL-SY10E195_06 Datasheet
77Kb / 8P
   PROGRAMMABLE DELAY CHIP
logo
ON Semiconductor
MC10E196 ONSEMI-MC10E196 Datasheet
148Kb / 7P
   PROGRAMMABLE DELAY CHIP
1996 REV 2
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com