Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6389XS35D4-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6389XS35D4-T
Description  SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6389XS35D4-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6389XS35D4-T Datasheet HTML 2Page - Maxim Integrated Products MAX6389XS35D4-T Datasheet HTML 3Page - Maxim Integrated Products MAX6389XS35D4-T Datasheet HTML 4Page - Maxim Integrated Products MAX6389XS35D4-T Datasheet HTML 5Page - Maxim Integrated Products MAX6389XS35D4-T Datasheet HTML 6Page - Maxim Integrated Products MAX6389XS35D4-T Datasheet HTML 7Page - Maxim Integrated Products MAX6389XS35D4-T Datasheet HTML 8Page - Maxim Integrated Products MAX6389XS35D4-T Datasheet HTML 9Page - Maxim Integrated Products MAX6389XS35D4-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SC70, Single/Dual Low-Voltage,
Low-Power µP Reset Circuits
6
_______________________________________________________________________________________
Detailed Description
RESET Output
A µP reset input starts the µP in a known state. These
µP supervisory circuits assert reset to prevent code
execution errors during power-up, power-down, or
brownout conditions.
Reset asserts when VCC is below the reset threshold;
once VCC exceeds the reset threshold, an internal timer
keeps the reset output asserted for the reset timeout
period. After this interval, reset output deasserts. Reset
output is guaranteed to be in the correct logic state for
VCC
≥ 1V.
Manual Reset Input (MAX6384/
MAX6385/MAX6386/MAX6390)
Many µP-based products require manual reset capabil-
ity, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. A logic low on MR
asserts reset. Reset remains asserted while MR is low,
and for the reset active timeout period (tRP) after MR
returns high. This input has an internal 63k
Ω pullup
resistor (1.35k
Ω for MAX6390), so it can be left uncon-
nected if it is not used. MR can be driven with TTL or
CMOS logic levels, or with open-drain/collector outputs.
Connect a normally open momentary switch from MR to
GND to create a manual-reset function; external
debounce circuitry is not required. If MR is driven from
long cables or if the device is used in a noisy environ-
ment, connecting a 0.1µF capacitor from MR to GND
provides additional noise immunity.
RESET IN Comparator
(MAX6387/MAX6388/MAX6389)
RESET IN is compared to an internal +1.27V reference.
If the voltage at RESET IN is less than 1.27V, reset
asserts. Use the RESET IN comparator as a user-
adjustable reset detector or as a secondary power-sup-
ply monitor by implementing a resistor-divider at RESET
IN (shown in Figure 1). Reset asserts when either VCC
or RESET IN falls below its respective threshold volt-
age. Use the following equation to set the threshold:
VINTH = VTHRST (R1/R2 + 1)
where VTHRST = +1.27V. To simplify the resistor selec-
tion, choose a value of R2 and calculate R1:
R1 = R2 [(VINTH/VTHRST) - 1]
Since the input current at RESET IN is 50nA (max),
large values can be used for R2 with no significant loss
in accuracy.
___________Applications Information
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down,
and
brownout
conditions,
the
MAX6381–MAX6390 are relatively immune to short dura-
tion negative-going VCC transients (glitches).
The Typical Operating Characteristics section shows the
Maximum Transient Durations vs. Reset Comparator
Overdrive, for which the MAX6381–MAX6390 do not
generate a reset pulse. This graph was generated using
Reset Thresholds (-40°C to +125°C)
SUFFIX
VTH (min)
VTH (nom)
VTH (max)
46
4.51
4.63
4.74
45
4.39
4.50
4.61
44
4.27
4.38
4.48
43
4.19
4.30
4.41
42
4.10
4.20
4.31
41
4.00
4.10
4.20
40
3.90
4.00
4.10
39
3.80
3.90
4.00
38
3.71
3.80
3.90
37
3.61
3.70
3.79
36
3.51
3.60
3.69
35
3.41
3.50
3.59
34
3.32
3.40
3.49
33
3.22
3.30
3.38
32
3.12
3.20
3.28
31
3.00
3.08
3.15
30
2.93
3.00
3.08
29
2.85
2.93
3.00
28
2.73
2.80
2.87
27
2.63
2.70
2.77
26
2.56
2.63
2.69
25
2.44
2.50
2.56
24
2.34
2.40
2.46
23
2.26
2.31
2.37
22
2.13
2.19
2.24
21
2.05
2.10
2.15
20
1.95
2.00
2.05
19
1.85
1.90
1.95
18
1.76
1.80
1.85
17
1.62
1.67
1.71
16
1.54
1.58
1.61


Similar Part No. - MAX6389XS35D4-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6389XS MAXIM-MAX6389XS Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6389XS__D_+T MAXIM-MAX6389XS__D_+T Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
More results

Similar Description - MAX6389XS35D4-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6381_V5 MAXIM-MAX6381_V5 Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com