Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2553 Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 7Page - Texas Instruments TAS2553_15 Datasheet HTML 8Page - Texas Instruments TAS2553_15 Datasheet HTML 9Page - Texas Instruments TAS2553_15 Datasheet HTML 10Page - Texas Instruments TAS2553_15 Datasheet HTML 11Page - Texas Instruments TAS2553_15 Datasheet HTML 12Page - Texas Instruments TAS2553_15 Datasheet HTML 13Page - Texas Instruments TAS2553_15 Datasheet HTML 14Page - Texas Instruments TAS2553_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
±25
±20
±15
20
200
2000
20000
f - Frequency - Hz
VBAT = 5.5 V
VBAT = 5.0 V
VBAT = 4.2 V
VBAT = 3.6 V
VBAT = 3.0 V
C018
0.001
0.010
0.100
1.000
10.000
100.000
0.001
0.010
0.100
1.000
10.000
P
O - Output Power - W
VBAT = 5.5 V
VBAT = 5.0 V
VBAT = 4.2 V
VBAT = 3.6 V
VBAT = 3.0 V
C017
±30
±25
±20
±15
20
200
2000
20000
f - Frequency - Hz
VBAT = 5.5 V
VBAT = 5.0 V
VBAT = 4.2 V
VBAT = 3.6 V
VBAT = 3.0 V
C016
0.001
0.010
0.100
1.000
10.000
100.000
0.001
0.010
0.100
1.000
10.000
P
O - Output Power - W
VBAT = 5.5 V
VBAT = 5.0 V
VBAT = 4.2 V
VBAT = 3.6 V
VBAT = 3.0 V
C017
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
P
O - Output Power - W
VBAT = 5.5 V
VBAT = 4.2 V
VBAT = 3.6 V
VBAT = 3.0 V
C015
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
P
O - Output Power - W
VBAT = 5.5 V
VBAT = 4.2 V
VBAT = 3.6 V
VBAT = 3.0 V
C025
TAS2553
www.ti.com
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
Typical Characteristics (continued)
VBAT = 3.6 V, AVDD = IOVDD = 1.8 V, EN = IOVDD, SWS = 0, RL = 8 Ω + 33 µH (unless otherwise noted).
AGC = OFF, Gain = 15 dB
AGC = OFF, Gain = 15 dB
Figure 15. I-Sense THD+N vs Output Power (8
Ω)
Figure 16. I-Sense THD+N vs Output Power (6
Ω)
AGC = OFF, Input Level = -20 dBFS, Gain = 15 dB
8
Ω Load, AGC = OFF, Gain = 15 dB
Figure 18. V-Sense THD+N vs. Output Power (8
Ω)
Figure 17. I-Sense THD+N vs Frequency (8
Ω)
AGC = OFF, Input Level = -20 dBFS, Gain = 15 dB
8
Ω Load, AGC = OFF, Input Level = -20 dBFS, Gain = 15 dB
Figure 19. V-Sense THD+N vs. Output Power (6
Ω)
Figure 20. V-Sense THD+N vs Frequency (8
Ω)
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TAS2553


Similar Part No. - TAS2553_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2553YFFR TI1-TAS2553YFFR Datasheet
1Mb / 58P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553YFFT TI1-TAS2553YFFT Datasheet
1Mb / 58P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
More results

Similar Description - TAS2553_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2552 TI-TAS2552_15 Datasheet
1Mb / 60P
[Old version datasheet]   TAS2552 4.0-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI1-TAS2553 Datasheet
1Mb / 58P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2552 TI1-TAS2552 Datasheet
1Mb / 60P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
[Old version datasheet]   TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2559 TI1-TAS2559 Datasheet
3Mb / 107P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense with Stereo Processing
LM49153 TI1-LM49153_15 Datasheet
2Mb / 31P
[Old version datasheet]   Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
TAS2560 TI1-TAS2560 Datasheet
1Mb / 80P
[Old version datasheet]   5.6-W Class-D Mono Audio Amplifier with IV Sense
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00_11 Datasheet
761Kb / 34P
   2.8 W Mono Class-D Audio Amplifier with Low Idle Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com