Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7611-55A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUK7611-55A
Description  N-channel TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7611-55A Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK7611-55A_15 Datasheet HTML 1Page - NXP Semiconductors BUK7611-55A_15 Datasheet HTML 2Page - NXP Semiconductors BUK7611-55A_15 Datasheet HTML 3Page - NXP Semiconductors BUK7611-55A_15 Datasheet HTML 4Page - NXP Semiconductors BUK7611-55A_15 Datasheet HTML 5Page - NXP Semiconductors BUK7611-55A_15 Datasheet HTML 6Page - NXP Semiconductors BUK7611-55A_15 Datasheet HTML 7Page - NXP Semiconductors BUK7611-55A_15 Datasheet HTML 8Page - NXP Semiconductors BUK7611-55A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BUK7611-55A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 16 June 2010
3 of 13
NXP Semiconductors
BUK7611-55A
N-channel TrenchMOS standard level FET
4.
Limiting values
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
--55
V
VDGR
drain-gate voltage
RGS =20kΩ
--55
V
VGS
gate-source voltage
-20
-
20
V
ID
drain current
Tmb =25°C; VGS =10V; see Figure 1;
see Figure 3
--75
A
Tmb =100 °C; VGS = 10 V; see Figure 1
--61
A
IDM
peak drain current
Tmb =25°C; tp ≤ 10 µs; pulsed;
see Figure 3
-
-
347
A
Ptot
total power dissipation
Tmb =25°C; see Figure 2
-
-
166
W
Tstg
storage temperature
-55
-
175
°C
Tj
junction temperature
-55
-
175
°C
Source-drain diode
IS
source current
Tmb = 25 °C
--75
A
ISM
peak source current
tp ≤ 10 µs; pulsed; Tmb = 25 °C
-
-
347
A
Avalanche ruggedness
EDS(AL)S
non-repetitive
drain-source
avalanche energy
ID =65A; Vsup ≤ 55 V; RGS =50 Ω;
VGS =10V; Tj(init) = 25 °C; unclamped
--211
mJ
Fig 1.
Normalized continuous drain current as a
function of mounting base temperature
Fig 2.
Normalized total power dissipation as a
function of mounting base temperature
Tmb (°C)
0
200
150
50
100
03aa24
40
80
120
Ider
(%)
0
Tmb (°C)
0
200
150
50
100
03na19
40
80
120
Pder
(%)
0


Similar Part No. - BUK7611-55A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7611-55A PHILIPS-BUK7611-55A Datasheet
321Kb / 15P
   TrenchMOS standard level FET
Rev. 01-1 February 2001
logo
Inchange Semiconductor ...
BUK7611-55A ISC-BUK7611-55A Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7611-55A NEXPERIA-BUK7611-55A Datasheet
943Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02 - 16 June 2010
More results

Similar Description - BUK7611-55A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com