Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5162 Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS5162
Description  2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5162 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5162_15 Datasheet HTML 7Page - Texas Instruments TAS5162_15 Datasheet HTML 8Page - Texas Instruments TAS5162_15 Datasheet HTML 9Page - Texas Instruments TAS5162_15 Datasheet HTML 10Page - Texas Instruments TAS5162_15 Datasheet HTML 11Page - Texas Instruments TAS5162_15 Datasheet HTML 12Page - Texas Instruments TAS5162_15 Datasheet HTML 13Page - Texas Instruments TAS5162_15 Datasheet HTML 14Page - Texas Instruments TAS5162_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
www.ti.com
TYPICAL CHARACTERISTICS, BTL CONFIGURATION
0
220
20
40
60
80
100
120
140
160
180
200
0
50
5
10
15
20
25
30
35
40
45
PV
-SupplyVoltage(BTL)-Vrms
DD
4 W
6 W
T =75°C,
DigitalGain=2.5dB
C
8 W
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20m
300
100m 200m
1
2
10 20
100
P
-OutputPower(BTL)-W
O
8 W
4 W
6 W
PVDD(4
)=38.5V,
T =75°C,
DigitalGain=2.5dB
W
C
0
100
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
0
440
40
80 120 160 200 240 280 320 360 400
2CHOutputPower-W
PVDD(4
)=38.5V,
T =75°C,
DigitalGain=2.5dB
W
C
4 W
6 W
8 W
0
180
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
0
50
5
10
15
20
25
30
35
40
45
PV
-SupplyVoltage(BTL)-Vrms
DD
4 W
6 W
T =75°C
C
8 W
TAS5162
SLES194D – OCTOBER 2006 – REVISED JULY 2007
TOTAL HARMONIC DISTORTION + NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 1.
Figure 2.
UNCLIPPED OUTPUT POWER
SYSTEM EFFICIENCY
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
Figure 3.
Figure 4.
11
Submit Documentation Feedback


Similar Part No. - TAS5162_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5162DDV TI-TAS5162DDV Datasheet
263Kb / 6P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162DDV TI-TAS5162DDV Datasheet
763Kb / 28P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162DDV TI-TAS5162DDV Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162DDVG4 TI-TAS5162DDVG4 Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162DDVR TI-TAS5162DDVR Datasheet
763Kb / 28P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5162_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5162 TI-TAS5162_07 Datasheet
763Kb / 28P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162_0705 TI-TAS5162_0705 Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162 Datasheet
263Kb / 6P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com