Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EL04ZC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EL04ZC
Description  2-INPUT AND/NAND
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL04ZC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EL04ZC Datasheet HTML 1Page - Micrel Semiconductor SY100EL04ZC Datasheet HTML 2Page - Micrel Semiconductor SY100EL04ZC Datasheet HTML 3Page - Micrel Semiconductor SY100EL04ZC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10EL04
SY100EL04
Micrel
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay to
70
235
410
120
235
360
130
240
370
155
265
395
ps
tPHL
Output D
tr
Output Rise/Fall Times Q
100
225
350
100
225
350
100
225
350
100
225
350
ps
tf
(20% to 80%)
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
mA
10EL
14
17
11
14
17
11
14
17
11
14
17
100EL
14
17
11
14
17
11
14
17
13
16
20
VEE
Power Supply Voltage
V
10EL
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
100EL
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
IIH
Input HIGH Current
µA
D0
250
250
250
250
D1
150
150
150
150
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10EL04ZC
Z8-1
Commercial
SY10EL04ZCTR
Z8-1
Commercial
SY100EL04ZC
Z8-1
Commercial
SY100EL04ZCTR
Z8-1
Commercial


Similar Part No. - SY100EL04ZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL04ZC MICREL-SY100EL04ZC Datasheet
48Kb / 4P
   2-INPUT AND/NAND
SY100EL04ZCTR MICREL-SY100EL04ZCTR Datasheet
48Kb / 4P
   2-INPUT AND/NAND
More results

Similar Description - SY100EL04ZC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL04 ONSEMI-MC10EL04 Datasheet
71Kb / 2P
   2-Input AND/NAND
1996 REV 2
logo
Micrel Semiconductor
SY10EL04 MICREL-SY10EL04_06 Datasheet
48Kb / 4P
   2-INPUT AND/NAND
logo
ON Semiconductor
MC10EL05 ONSEMI-MC10EL05 Datasheet
78Kb / 3P
   2-Input Differential AND/NAND
1996 REV 2
logo
Micrel Semiconductor
SY10EL05 MICREL-SY10EL05_06 Datasheet
50Kb / 4P
   2-INPUT DIFFERENTIAL AND/NAND
SY10EL05 MICREL-SY10EL05 Datasheet
48Kb / 4P
   2-INPUT DIFFERENTIAL AND/NAND
logo
ON Semiconductor
MC10EP05 ONSEMI-MC10EP05 Datasheet
85Kb / 8P
   2-Input Differential AND/NAND
Sep, 1999 ??Rev. 1.0
MC100LVEL05 ONSEMI-MC100LVEL05 Datasheet
55Kb / 3P
   2-Input Differential AND/NAND
1997 REV 0
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104 Datasheet
70Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10EP105 ONSEMI-MC10EP105 Datasheet
123Kb / 8P
   Quad 2-Input Differential AND/NAND
December, 1999 ??Rev. 0
MC100LVEO05 ONSEMI-MC100LVEO05 Datasheet
110Kb / 9P
   ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com