Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5261 Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS5261
Description  315-W Mono BTL Digital Amplifier Power Stage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5261 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5261_15 Datasheet HTML 5Page - Texas Instruments TAS5261_15 Datasheet HTML 6Page - Texas Instruments TAS5261_15 Datasheet HTML 7Page - Texas Instruments TAS5261_15 Datasheet HTML 8Page - Texas Instruments TAS5261_15 Datasheet HTML 9Page - Texas Instruments TAS5261_15 Datasheet HTML 10Page - Texas Instruments TAS5261_15 Datasheet HTML 11Page - Texas Instruments TAS5261_15 Datasheet HTML 12Page - Texas Instruments TAS5261_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TAS5261
SLES188 – AUGUST 2006
Audio frequency = 1 kHz, PVDD_x = 50 V, GVDDx = 12 V, VDD = 12 V, R
L = 8 Ω , fs = 384 kHz, OC_ADJ = 22 kΩ,
T
C = 75°C, output filter is LDEM = 10 µH, CL = 1 µF (unless otherwise noted). AC performance is recorded as a chipset,
TAS5518 as front end with an effective modulation index of 96.1% and TAS5261 as the power stage. PCB and system
configuration are in accordance with recommended design guidelines.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Internal Voltage Regulator and Current Consumption
Voltage regulator,
VREG
3.3
V
only used as reference node
Operating, 50% duty cycle
7.7
IVDD
VDD supply current
mA
Idle, reset mode
6.7
50% duty cycle
15
GVDD_x gate-supply current
IGVDD_x
mA
per half bridge
Idle, reset mode
1.5
50% duty cycle
23
mA
IPVDD_x
Half-bridge idle current
Reset mode (RESET = 1),
100
µA
No switching
Output-Stage MOSFETs
RDSON,LS
Drain-to-source resistance, low side
TJ = 25°C, LDMOS only
40
m
RDSON,HS
Drain-to-source resistance, high side
TJ = 25°C, LDMOS only
40
m
I/O Protection
VUVP,POS
Undervoltage protection limit, GVDD_x
8.5
V
OTW
Overtemperature warning
125
°C
OTWhys
OTW hysteresis
25
°C
OTE
Overtemperature error threshold
155
°C
OTEhys
OTE hysteresis
30
°C
OTE-OTW
Temperature delta between OTW and OTE
30
°C
differential
OLPC
Overload protection time constant
fPWM = 384 kHz
20
ms
Resistor programmable high end
IOC
Overcurrent limit response (1)
15
16
17
A
with OC_ADJ = 22 k
(1)
ROC
Programming resistor
22
100
k
Connected when RESET is high to
Pulldown resistor at the output of each
RPD
provide a charge path for the
2.5
k
half-bridge
bootstrap capacitor
PWM
PWM Activity Detector
Lack of transition of any PWM input
13
µs
(1)
DC measurement with 1-ms pulse
9
Submit Documentation Feedback


Similar Part No. - TAS5261_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5261DKD TI-TAS5261DKD Datasheet
687Kb / 21P
[Old version datasheet]   315-W Mono BTL Digital Amplifier Power Stage
TAS5261DKDG4 TI-TAS5261DKDG4 Datasheet
687Kb / 21P
[Old version datasheet]   315-W Mono BTL Digital Amplifier Power Stage
TAS5261DKDR TI-TAS5261DKDR Datasheet
687Kb / 21P
[Old version datasheet]   315-W Mono BTL Digital Amplifier Power Stage
TAS5261DKDRG4 TI-TAS5261DKDRG4 Datasheet
687Kb / 21P
[Old version datasheet]   315-W Mono BTL Digital Amplifier Power Stage
More results

Similar Description - TAS5261_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5261 TI-TAS5261 Datasheet
687Kb / 21P
[Old version datasheet]   315-W Mono BTL Digital Amplifier Power Stage
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
TAS5601 TI-TAS5601_15 Datasheet
2Mb / 27P
[Old version datasheet]   20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
TAS5601 TI-TAS5601 Datasheet
2Mb / 26P
[Old version datasheet]   20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
   25 W mono BTL class-D audio amplifier
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
   50 W mono BTL class-D audio amplifier
logo
Synaptics Incorporated.
CX20706 CONEXANT-CX20706 Datasheet
645Kb / 2P
   2.5 W BTL mono Class-D speaker amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com