Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100E452JI Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100E452JI
Description  5-BIT DIFFERENTIAL REGISTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E452JI Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100E452JI Datasheet HTML 1Page - Micrel Semiconductor SY100E452JI Datasheet HTML 2Page - Micrel Semiconductor SY100E452JI Datasheet HTML 3Page - Micrel Semiconductor SY100E452JI Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pin
Function
D [0:4], /D [0:4]
Differential Data Inputs
MR
Master Reset Input
CLK, /CLK
Differential Clock Input
VBB
VBB Reference Output
Q [0:4], Q [0:4]
Differential Data Outputs
VCCO
VCC to Output
DESCRIPTION
FEATURES
s Differential D, CLK and Q
s Extended 100E VEE range of –4.2V to –5.5V
s VBB output for single-ended use
s 1100MHz min. toggle frequency
s Asynchronous Master Reset
s Fully compatible with Motorola MC10E/100E452
s Available in 28-pin PLCC package
The SY10/100E452 are 5-bit differential registers with
differential data (inputs and outputs) and clock. The
registers are triggered by a positive transition of the
positive clock (CLK) input. A high on the Master Reset
(MR) asynchronously resets all registers so that the Q
outputs go LOW.
The differential input structures are clamped so that
the inputs of unused registers can be left open without
upsetting the bias network of the devices. The clamping
action will assert the /D and the /CLK sides of the inputs.
Because of the edge-triggered flip-flop nature of the
devices, simultaneously opening both the clock and data
inputs will result in an output which reaches an
unidentified but valid state.
The fully differential design of the devices makes them
ideal for very high frequency applications where a
registered data path is necessary.
5-BIT DIFFERENTIAL
REGISTER
SY10E452
SY100E452
Rev.: D
Amendment: /0
Issue Date:
May, 1999
BLOCK DIAGRAM
D0
D0
Q0
Q0
VBB
CLK
CLK
D
Q
R
MR
D1
D1
Q1
Q1
D
Q
R
D2
D2
Q2
Q2
D
Q
R
D3
D3
Q3
Q3
D
Q
R
D4
D4
Q4
Q4
D
Q
R
PIN CONFIGURATION
PIN NAMES
18
17
16
15
14
13
12
56
7
8
9
10 11
26
27
28
1
2
3
4
TOP VIEW
PLCC
J28-1
25 24 23 22 21 20 19
MR
CLK
VEE
VBB
D2
CLK
D2
Q3
VCC
Q2
Q1
Q3
Q2
Q1
1


Similar Part No. - SY100E452JI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E451 MICREL-SY100E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY100E451JC MICREL-SY100E451JC Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY100E451JC MICREL-SY100E451JC Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY100E451JCTR MICREL-SY100E451JCTR Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY100E451JCTR MICREL-SY100E451JCTR Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
More results

Similar Description - SY100E452JI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E452 ONSEMI-MC10E452 Datasheet
111Kb / 4P
   5-BIT DIFFERENTIAL REGISTER
1996 REV 2
MC10E452 ONSEMI-MC10E452_06 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10E452 ONSEMI-MC10E452_16 Datasheet
166Kb / 8P
   5V ECL 5?륛it Differential Register
July, 2016 ??Rev. 12
logo
Mitsubishi Electric Sem...
M74LS96P MITSUBISHI-M74LS96P Datasheet
254Kb / 5P
   5-Bit Shift Register
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451_16 Datasheet
165Kb / 9P
   5 V ECL 6-Bit D Register Differential Data and Clock
July, 2016 ??Rev. 10
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
logo
List of Unclassifed Man...
74LS96 ETC1-74LS96 Datasheet
278Kb / 5P
   5-Bit Shift Register Product Specfication
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com