Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTB143E Datasheet(PDF) 3 Page - Unisonic Technologies

Part # DTB143E
Description  PNP DIGITAL TRANSISTOR BUILT-IN RESISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTB143E Datasheet(HTML) 3 Page - Unisonic Technologies

  DTB143E_15 Datasheet HTML 1Page - Unisonic Technologies DTB143E_15 Datasheet HTML 2Page - Unisonic Technologies DTB143E_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DTB143E
PNP DIGITAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R206-049. G
TYPICAL CHARACTERISTICS
-100
-50
-20
-10
-5
-2
-1
-1m
-2m
-10m
-20m-50m
-100m
-200m-500m
-5m
VOUT=-0.3V
TA=-40°С
25°С
100°С
-0.5m
Input Voltage VS. Output Current
(ON characterristics)
Output Current ,IOUT (A)
-500m
-200m
-100m
-3.0
-10m
-5m
-1m
-500μ
-200μ
-100μ
-50μ
-20μ
-10μ
-5μ
-2μ
-1μ
-0.5 -1.0
-1.5
-2.0 -2.5
Output Current VS. Input Voltage
(OFF characterristics)
VCC=-5V
25°С
-40°С
TA=100°С
0
-2m
Input Voltage,VIN(OFF) (V)
1k
500
200
100
50
10
5
2
1
20
DC Current Gain VS. Output Current
Output Current ,IOUT(A)
-1m
-2m
-10m -20m
-50m -100m -200m -500m
-5m
-0.5m
VOUT=-5V
TA=100°С
25
°С
-40
°С
-1m
-2m
-10m -20m -50m -100m -200m -500m
-5m
IOUT/IIN=20
-0.5m
Output Current ,IOUT(A)
-1
-500m
-200m
-100m
-50m
-20m
-10m
-5m
-2m
-1m
25
°С
-40
°С
TA=100°С
Output Voltage VS. Output Current
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - DTB143E_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTB143E UTC-DTB143E_12 Datasheet
179Kb / 3P
   PNP DIGITAL TRANSISTOR
More results

Similar Description - DTB143E_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTA124E UTC-DTA124E Datasheet
112Kb / 3P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA143Z UTC-DTA143Z Datasheet
114Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
logo
Guilin Strong Micro-Ele...
GMDTA114E GSME-GMDTA114E Datasheet
271Kb / 3P
   PNP DIGITAL TRANSISTOR(BUILT-IN RESISTORS)
logo
Unisonic Technologies
DTA115E UTC-DTA115E_05 Datasheet
85Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA115E UTC-DTA115E Datasheet
87Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA114E UTC-DTA114E Datasheet
46Kb / 3P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA143E UTC-DTA143E Datasheet
114Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA114Y UTC-DTA114Y Datasheet
96Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA123Y UTC-DTA123Y Datasheet
105Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTB143E UTC-DTB143E Datasheet
113Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com