Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13003KL-X-X-T92-B Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MJE13003KL-X-X-T92-B
Description  NPN SILICON POWER TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003KL-X-X-T92-B Datasheet(HTML) 3 Page - Unisonic Technologies

  MJE13003KL-X-X-T92-B Datasheet HTML 1Page - Unisonic Technologies MJE13003KL-X-X-T92-B Datasheet HTML 2Page - Unisonic Technologies MJE13003KL-X-X-T92-B Datasheet HTML 3Page - Unisonic Technologies MJE13003KL-X-X-T92-B Datasheet HTML 4Page - Unisonic Technologies MJE13003KL-X-X-T92-B Datasheet HTML 5Page - Unisonic Technologies MJE13003KL-X-X-T92-B Datasheet HTML 6Page - Unisonic Technologies MJE13003KL-X-X-T92-B Datasheet HTML 7Page - Unisonic Technologies MJE13003KL-X-X-T92-B Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJE13003K
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R223-006,A
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS (Note)
Collector-Emitter Sustaining Voltage
IC=10 mA , IB=0
400
V
TC=25°C
1
Collector Cutoff Current
TC=100°C
ICEO
VCEO=Rated Value,
VBE(OFF)=1.5 V
5
mA
Emitter Cutoff Current
IEBO
VEB=9 V, IC=0
1
mA
SECOND BREAKDOWN
Second Breakdown Collector Current with bass
forward biased
Is/b
See Figure 5
Clamped Inductive SOA with base reverse biased
RBSOA
See Figure 6
ON CHARACTERISTICS (Note)
hFE1
IC=0.5A, VCE=5V
8
51
DC Current Gain
hFE2
IC=1A, VCE=2V
5
30
IC=0.5A, IB=0.1A
0.5
IC=1A, IB=0.25A
1
IC=1.5A, IB=0.5A
3
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=1A, IB=0.25A, TC=100°C
1
V
IC=0.5A, IB=0.1A
1
IC=1A, IB=0.25A
1.2
Base-Emitter Saturation Voltage
VBE(SAT)
IC=1A, IB=0.25A, TC=100°C
1.1
V
DYNAMIC CHARACTERISTICS
Current-Gain-Bandwidth Product
fT
IC=100mA, VCE=10V, f=1MHz
4
10
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=0.1MHz
21
pF
SWITCHING CHARACTERISTICS
Resistive Load (Table 1)
Delay Time
tD
0.05 0.1
μs
Rise Time
tR
0.5
1
μs
Storage Time
tS
2
4
μs
Fall Time
tF
VCC=125V, IC=1A, IB1=IB2=0.2A,
tP=25μs, Duty Cycle≤1%
0.4
0.7
μs
Inductive Load, Clamped (Table 1)
Storage Time
tSTG
1.7
4
μs
Crossover Time
tC
0.29 0.75
μs
Fall Time
tF
IC=1A, Vclamp=300V, IB1=0.2A,
VBE(OFF)=5Vdc, TC=100°C
0.15
μs
Note: Pulse Test : PW=300μs, Duty Cycle≤2%


Similar Part No. - MJE13003KL-X-X-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13003K UTC-MJE13003K Datasheet
313Kb / 8P
   NPN SILICON POWER TRANSISTOR
logo
Foshan Blue Rocket Elec...
MJE13003K1 FOSHAN-MJE13003K1 Datasheet
800Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
logo
First Silicon Co., Ltd
MJE13003K1 FS-MJE13003K1 Datasheet
392Kb / 2P
   NPN SILICON POWER TRANSISTORS
logo
Foshan Blue Rocket Elec...
MJE13003K3 FOSHAN-MJE13003K3 Datasheet
826Kb / 6P
   Silicon NPN transistor in a TO-251 Plastic Package.
MJE13003K4 FOSHAN-MJE13003K4 Datasheet
731Kb / 6P
   Silicon NPN transistor in a TO-252 Plastic Package.
More results

Similar Description - MJE13003KL-X-X-T92-B

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com