Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDT8150 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MMDT8150
Description  LOW VCESAT NPN EPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMDT8150 Datasheet(HTML) 2 Page - Unisonic Technologies

  MMDT8150_15 Datasheet HTML 1Page - Unisonic Technologies MMDT8150_15 Datasheet HTML 2Page - Unisonic Technologies MMDT8150_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMDT8150
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R218-017.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
32
V
Emitter-Base Voltage
VEBO
6
V
Collector Current (DC)
IC
800
mA
Collector Current (Pulse)
ICP
1.5 (Note 2)
A
Power Dissipation
PD
200 (total) (Note 3)
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Single pulse, PW=10ms
3. 150mW per element must not be exceeded.
ELECTRICAL CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=100µA, IE=0
40
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=2mA, IB=0
32
V
Emitter-Base Breakdown Voltage
BVEBO
IE=100µA, IC=0
6
V
Collector Cut-Off Current
ICBO
VCB=30V, IE=0
0.5
µA
Emitter Cut-Off Current
IEBO
VEB=6V, IC=0
0.5
µA
Collector-Emitter Saturation Voltage
(Note 1)
VCE(SAT)1
IC=50mA, IB=2.5mA
40
60
mV
VCE(SAT)2
IC=400mA, IB=20mA
0.2
0.3
V
VCE(SAT)3
IC=800mA, IB=80mA
0.3
0.5
V
Base-Emitter Voltage
VBE(ON)
VCE=1V, IC=10mA
1
V
DC Current Gain
hFE1
VCE=1V, IC=100mA
180
560
hFE2
VCE=1V, IC=500mA
40
hFE3
VCE=2V, IC=50mA
82
Current Gain-Bandwidth Product
fT
VCE=5V, IC=50mA, f=100MHz
150
MHz
Output Capacitance
COBO
VCB=10V, f=1MHz
15
pF
Note: 1. Pulse Test : Pulse Width ≤380µs, Duty Cycle≤2%


Similar Part No. - MMDT8150_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMDT8150G-AL6-R UTC-MMDT8150G-AL6-R Datasheet
125Kb / 2P
   LOW VCESAT NPN EPITAXIAL PLANAR TRANSISTOR
MMDT8150L-AL6-R UTC-MMDT8150L-AL6-R Datasheet
125Kb / 2P
   LOW VCESAT NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - MMDT8150_15

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTD882NUT3 CYSTEKEC-BTD882NUT3 Datasheet
302Kb / 6P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD1862I3 CYSTEKEC-BTD1862I3 Datasheet
143Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2097AI3 CYSTEKEC-BTD2097AI3 Datasheet
156Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2150AD3 CYSTEKEC-BTD2150AD3 Datasheet
175Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882D3 CYSTEKEC-BTD882D3 Datasheet
175Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882T3 CYSTEKEC-BTD882T3 Datasheet
146Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882I3 CYSTEKEC-BTD882I3 Datasheet
231Kb / 6P
   Low Vcesat NPN Epitaxial Planar Transistor
D44H11E3 CYSTEKEC-D44H11E3 Datasheet
180Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD1805F3 CYSTEKEC-BTD1805F3 Datasheet
263Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN853L3 CYSTEKEC-BTN853L3 Datasheet
271Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN1101E3 CYSTEKEC-BTN1101E3 Datasheet
141Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com