Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT1816 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PZT1816
Description  HIGH CURRENT SWITCHIG APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PZT1816 Datasheet(HTML) 2 Page - Unisonic Technologies

  PZT1816_15 Datasheet HTML 1Page - Unisonic Technologies PZT1816_15 Datasheet HTML 2Page - Unisonic Technologies PZT1816_15 Datasheet HTML 3Page - Unisonic Technologies PZT1816_15 Datasheet HTML 4Page - Unisonic Technologies PZT1816_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PZT1816
NPN PLANAR TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R207-025.B
ABSOLUTE MAXIMUM RATINGS (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
DC
IC
4
A
PULSE(Note 2)
8
A
Power Dissipation
PD
1
W
Junction Temperature
TJ
+150
C
Storage Temperature
TSTG
-40 ~ +150
C
Note1: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Note2: Duty=1/2, Pw=20ms
ELECTRICAL CHARACTERISTICS (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector Base Breakdown Voltage
BVCBO
IC =10μA, IE =0
120
V
Collector Emitter Breakdown Voltage
BVCEO
IC =1mA, RB=∞
100
V
Emitter Base Breakdown Voltage
BVEBO
IE =10μA, IC=0
6
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC = 2A, IB =0.2A
0.9
1.2
V
Collector-Emitter Saturation Voltage
VCE(SAT)
IC = 2A, IB=0.2A
150
400
mV
Collector Cut-Off Current
ICBO
VCB = 100 V, IE =0
1
μA
Emitter Cut-Off Current
IEBO
VEB = 4V, IC=0
1
μA
DC Current Transfer Ratio
hFE1
VCE = 5V, IC = 0.5A
70
400
hFE2
VCE =5V, IC = 3A
40
Transition Frequency
fT
VCE =10V, IC =0.5A
180
MHz
Output Capacitance
Cob
VCB =10V, IE =0A, f =1MHz
40
pF
Turn-on Time
tON
See test circuit
100
ns
Storage Time
tSTG
See test circuit
900
ns
Fall Time
tF
See test circuit
50
ns
CLASSIFICATION of hFE1
RANK
R
S
T
Q
RANGE
100 - 200
140 - 280
200 - 400
70 -140


Similar Part No. - PZT1816_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PZT1816G-X-AA3-R UTC-PZT1816G-X-AA3-R Datasheet
254Kb / 5P
   HIGH CURRENT SWITCHIG APPLICATIONS
PZT1816L-X-AA3-R UTC-PZT1816L-X-AA3-R Datasheet
254Kb / 5P
   HIGH CURRENT SWITCHIG APPLICATIONS
More results

Similar Description - PZT1816_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PZT1816 UTC-PZT1816 Datasheet
254Kb / 5P
   HIGH CURRENT SWITCHIG APPLICATIONS
2SD1816 UTC-2SD1816 Datasheet
219Kb / 4P
   HIGH CURRENT SWITCHIG APPLICATIONS
2SB1216 UTC-2SB1216 Datasheet
168Kb / 3P
   HIGH CURRENT SWITCHIG APPLICATIONS
2SD1624 UTC-2SD1624_07 Datasheet
243Kb / 5P
   HIGH CURRENT SWITCHIG APPLICATION
2SD1816 UTC-2SD1816_11 Datasheet
243Kb / 5P
   HIGH CURRENT SWITCHIG APPLICATION
2SD1624 UTC-2SD1624 Datasheet
139Kb / 4P
   HIGH CURRENT SWITCHIG APPLICATION
logo
Toshiba Semiconductor
2SC4213 TOSHIBA-2SC4213 Datasheet
177Kb / 4P
   NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHIG APPLICATIONS)
logo
Fairchild Semiconductor
KSB1121 FAIRCHILD-KSB1121 Datasheet
43Kb / 4P
   High Current Driver Applications
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com