Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT1816 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # PZT1816
Description  HIGH CURRENT SWITCHIG APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PZT1816 Datasheet(HTML) 3 Page - Unisonic Technologies

  PZT1816_15 Datasheet HTML 1Page - Unisonic Technologies PZT1816_15 Datasheet HTML 2Page - Unisonic Technologies PZT1816_15 Datasheet HTML 3Page - Unisonic Technologies PZT1816_15 Datasheet HTML 4Page - Unisonic Technologies PZT1816_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PZT1816
NPN PLANAR TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R207-025.B
TEST CIRCUIT
INPUT
OUTPUT
IB1
I B2
50V
50
-5V
100µ
+
470µ
+
VR
RB
PW=20μS
Duty Cycle≒1%
Ic=10, IB1= -10, IB2=2A
Unit (resistance:Ω, capacitance: F)


Similar Part No. - PZT1816_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PZT1816G-X-AA3-R UTC-PZT1816G-X-AA3-R Datasheet
254Kb / 5P
   HIGH CURRENT SWITCHIG APPLICATIONS
PZT1816L-X-AA3-R UTC-PZT1816L-X-AA3-R Datasheet
254Kb / 5P
   HIGH CURRENT SWITCHIG APPLICATIONS
More results

Similar Description - PZT1816_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PZT1816 UTC-PZT1816 Datasheet
254Kb / 5P
   HIGH CURRENT SWITCHIG APPLICATIONS
2SD1816 UTC-2SD1816 Datasheet
219Kb / 4P
   HIGH CURRENT SWITCHIG APPLICATIONS
2SB1216 UTC-2SB1216 Datasheet
168Kb / 3P
   HIGH CURRENT SWITCHIG APPLICATIONS
2SD1624 UTC-2SD1624_07 Datasheet
243Kb / 5P
   HIGH CURRENT SWITCHIG APPLICATION
2SD1816 UTC-2SD1816_11 Datasheet
243Kb / 5P
   HIGH CURRENT SWITCHIG APPLICATION
2SD1624 UTC-2SD1624 Datasheet
139Kb / 4P
   HIGH CURRENT SWITCHIG APPLICATION
logo
Toshiba Semiconductor
2SC4213 TOSHIBA-2SC4213 Datasheet
177Kb / 4P
   NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHIG APPLICATIONS)
logo
Fairchild Semiconductor
KSB1121 FAIRCHILD-KSB1121 Datasheet
43Kb / 4P
   High Current Driver Applications
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com