Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EL34LZC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10EL34LZC
Description  5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL34LZC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10EL34LZC Datasheet HTML 1Page - Micrel Semiconductor SY10EL34LZC Datasheet HTML 2Page - Micrel Semiconductor SY10EL34LZC Datasheet HTML 3Page - Micrel Semiconductor SY10EL34LZC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The SY10/100EL34/L are low skew
÷2, ÷4, ÷8 clock
generation chips designed explicitly for low skew clock
generation applications. The internal dividers are
synchronous to each other, therefore, the common output
edges are all precisely aligned. The devices can be driven
by either a differential or single-ended ECL or, if positive
power supplies are used, PECL input signal. In addition,
by using the VBB output, a sinusoidal source can be AC-
coupled into the device. If a single-ended input is to be
used, the VBB output should be connected to the CLK
input and bypassed to ground via a 0.01
µF capacitor.
The VBB output is designed to act as the switching
reference for the input of the EL34/L under single-ended
input conditions. As a result, this pin can only source/
sink up to 0.5mA of current.
The common enable (EN) is synchronous so that the
internal dividers will only be enabled/disabled when the
internal clock is already in the LOW state. This avoids
any chance of generating a runt clock pulse on the
internal clock when the device is enabled/disabled as
can happen with an asynchronous control. An internal
runt pulse could lead to losing synchronization between
the internal divider stages. The internal enable flip-flop is
clocked on the falling edge of the divider stages. The
internal enable flip-flop is clocked on the falling edge of
the input clock, therefore, all associated specification
limits are referenced to the negative edge of the clock
input.
Upon start-up, the internal flip-flops will attain a random
state; the master reset (MR) input allows for the
synchronization of the internal dividers, as well as for
multiple EL34/Ls in a system.
Pin
Function
CLK
Differential Clock Inputs
EN
Synchronous Enable
MR
Master Reset
VBB
Reference Output
Q0
Differential
÷2 Outputs
Q1
Differential
÷4 Outputs
Q2
Differential
÷8 Outputs
DESCRIPTION
PIN NAMES
FEATURES
Rev.: F
Amendment: /0
Issue Date:
August, 1998
5V/3.3V
÷2, ÷4, ÷8 CLOCK
GENERATION CHIP
ClockWorks™
SY10EL34/L
SY100EL34/L
PIN CONFIGURATION/BLOCK DIAGRAM
SOIC
TOP VIEW
s 3.3V and 5V power supply options
s 50ps output-to-output skew
s Synchronous enable/disable
s Master Reset for synchronization
s Internal 75K
input pull-down resistors
s Available in 16-pin SOIC package
VCC
EN
NC
CLK
CLK
VBB
MR
VEE
Q0
Q0
VCC
Q1
Q1
VCC
Q2
Q2
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
R
Q
÷2
Q
R
÷4
Q
÷8
R
Q D
R
1


Similar Part No. - SY10EL34LZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL34LZC MICREL-SY10EL34LZC Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34LZCTR MICREL-SY10EL34LZCTR Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
More results

Similar Description - SY10EL34LZC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SY100EL34 MICROCHIP-SY100EL34 Datasheet
752Kb / 14P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
02/28/20
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34_06 Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34 MICREL-SY10EL34_11 Datasheet
176Kb / 7P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34_06 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
MC100EL34 ONSEMI-MC100EL34 Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC10EL34 ONSEMI-MC10EL34 Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com