Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1702 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1702
Description  Load Regulation, typical - 2mV
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1702 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1702 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1702 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1702 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1702 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1702 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1702 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1702 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1702 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1702 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AIC1702
4
ABSOLUTE MAXIMUM RATINGS
Input Voltage ....................................................................................................................................... 7V
EN Pin Voltage.................................................................................................................................... 7V
Operating Temperature Range ............................................................................................ -40ºC~85ºC
Maximum Junction Temperature .................................................................................................. 150ºC
Storage Temperature Range ............................................................................................. -65ºC~150ºC
Lead Temperature (Soldering, 10 sec) ......................................................................................... 260ºC
Thermal Resistance (Junction to Case)
SOT-23 ............................................................... 115ºC /W
SOT-89 ................................................................. 45ºC /W
DFN-6 ................................................................... 30ºC /W
Thermal Resistance (Junction to Ambient) SOT-23 ............................................................... 250ºC /W
(Assume no ambient airflow, no heat sink) SOT-89 ............................................................... 160ºC /W
DFN-6 ................................................................. 165ºC /W
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.


Similar Part No. - AIC1702

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
More results

Similar Description - AIC1702

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
BK60C ASTEC-BK60C Datasheet
78Kb / 2P
   Regulation to zero load
ALQ15 ASTEC-ALQ15 Datasheet
408Kb / 2P
   Regulation to zero load
logo
Unisonic Technologies
LR18230G-XX-S08-R UTC-LR18230G-XX-S08-R Datasheet
158Kb / 4P
   Good Line and Load Regulation
logo
Sangdest Microelectroni...
SLR1084 SMC-SLR1084 Datasheet
390Kb / 10P
   Extremely Tight Line and Load Regulation
logo
International Rectifier
IR3846M IRF-IR3846M_15 Datasheet
3Mb / 54P
   Enhanced line/load regulation with Feed-Forward
logo
M.S. Kennedy Corporatio...
MSK0033 MSK-MSK0033_15 Datasheet
183Kb / 6P
   Low Input Offset - 2mV
logo
Texas Instruments
LP3875EMP-ADJ-NOPB TI-LP3875EMP-ADJ-NOPB Datasheet
1Mb / 20P
[Old version datasheet]   Ultra Low Dropout Voltage, Load Regulation of 0.06%
TPS22949 TI-TPS22949_10 Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949 Datasheet
749Kb / 22P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com