Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1953 Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC1953
Description  Dual Output Low ESR Cap. Low-Dropout 600mA Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1953 Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC1953 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 10Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AIC1953
9
APPLICATION INFORMATION
The AIC1953 is a low-dropout, low quiescent-current,
dual-output
linear
regulator
for
battery
power
applications. These parts are available with preset
output voltages ranging from 0.8V to 3.8V, and the
parts can supply loads up to 600mA.
CURRENT LIMIT
The AIC1953 includes two independent current
limiters, which monitor and control the maximum
output current. If the output is overloaded or shorted
to ground, this can protect the device from being
damaged.
THERMAL PROTECTION
The AIC1953 includes a thermal-limiting circuit, which
is designed to protect the device against overload
condition. When the junction temperature exceeds
TJ=150ºC, the thermal-limiting circuit turns off the
pass transistors and allows the IC to cool. For
continuous load condition, maximum rating of junction
temperature must not be exceeded.
INPUT-OUTPUT CAPACITORS
Linear regulators require input and output capacitors
to maintain stability. Input capacitor at 1
F with a 1F
ceramic output capacitor for each regulator is
recommended. When choosing the input and output
ceramic
capacitors,
X5R
and
X7R
types
are
recommended because they retain their capacitance
over wider ranges of voltage and temperature than
other types.
POWER DISSIPATION
The
maximum
power
dissipation
of
AIC1953
depends on the thermal resistance of its case and
circuit board, the temperature difference between the
die junction and ambient air, and the rate of airflow.
The rate of temperature rise is greatly affected by the
mounting pad configuration on the PCB, the board
material, and the ambient temperature. When the IC
mounting with good thermal conductivity is used, the
junction temperature will be low even when large
power dissipation applies.
The power dissipation across the device is
P = IOUT1 (VIN-VOUT1)+ IOUT2 (VIN-VOUT2)
The maximum power dissipation is:
JA
A
max
-
J
MAX
R
θ
)
T
-
(T
P
Where TJ-max is the maximum allowable junction
temperature
(150
C), and T
A
is
the
ambient
temperature suitable in application.
As a general rule, the lower temperature is, the better
reliability of the device is. So the PCB mounting pad
should provide maximum thermal conductivity to
maintain low device temperature.


Similar Part No. - AIC1953

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1952 AIC-AIC1952 Datasheet
314Kb / 13P
   Dual Output Low ESR Cap. Low-Dropout 300mA Linear Regulator
More results

Similar Description - AIC1953

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR6XXYY UTC-LR6XXYY Datasheet
169Kb / 4P
   DUAL OUTPUT LOW ESR CAP. LOW-DROPOUT 600MA LINEAR REGULATOR
LR6XXYY UTC-LR6XXYY_14 Datasheet
219Kb / 5P
   DUAL OUTPUT LOW ESR CAP LOW-DROPOUT 600MA LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1952 AIC-AIC1952 Datasheet
314Kb / 13P
   Dual Output Low ESR Cap. Low-Dropout 300mA Linear Regulator
AIC1750 AIC-AIC1750 Datasheet
386Kb / 15P
   Dual Output Low ESR Cap. Low-Dropout
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
FP6131 FITIPOWER-FP6131 Datasheet
480Kb / 10P
   600mA Low Dropout Linear Regulator
FP6132 FITIPOWER-FP6132 Datasheet
490Kb / 9P
   600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com