Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EL33ZCTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EL33ZCTR
Description  5V/3.3V 첨 4 DIVIDER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL33ZCTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EL33ZCTR Datasheet HTML 1Page - Micrel Semiconductor SY100EL33ZCTR Datasheet HTML 2Page - Micrel Semiconductor SY100EL33ZCTR Datasheet HTML 3Page - Micrel Semiconductor SY100EL33ZCTR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ClockWorks™
SY10EL33/L
SY100EL33/L
Micrel
AC ELECTRICAL CHARACTERISTICS(1)
VEE (Min) to VEE (Max); VCC = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
fMAX
Maximum Toggle
3.4
4.2
3.8
4.2
3.8
4.2
3.8
4.2
GHz
Frequency
tPLH
Prop. Delay to Output D
490
630
770
540
630
720
550
640
730
590
670
760
ps
tPHL
Reset to Q
310
460
610
360
460
560
360
460
560
380
480
580
VPP
Minimum Input Swing(2)
150
150
150
150
mV
tr
Output Rise/Fall Times Q
100
225
350
100
225
350
100
225
350
100
225
350
ps
tf
(20% to 80%)
NOTES:
1. Parametric values specified at:
5 volt Power Supply Range
100EL33 Series:
-4.2V to -5.5V.
10EL33 Series
-4.75V to -5.5V.
3 volt Power Supply Range
10/100EL33L Series:
-3.0V to -3.8V.
2. Minimum input swing for which AC parameters are guaranteed.
DC ELECTRICAL CHARACTERISTICS(1)
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
mA
10EL
27
33
27
33
27
33
27
33
100EL
27
33
27
33
27
33
31
37
VBB
Output Reference
V
Voltage
10EL –1.43
–1.30 –1.38
–1.27 –1.35
–1.25 –1.31
–1.19
100EL –1.38
–1.26 –1.38
–1.26 –1.38
–1.26 –1.38
–1.26
IIH
Input HIGH Current
150
150
150
150
µA
VEE (Min) to VEE (Max); VCC = GND
NOTE:
1. Parametric values specified at:
5 volt Power Supply Range
100EL33 Series:
-4.2V to -5.5V.
10EL33 Series
-4.75V to -5.5V.
3 volt Power Supply Range
10/100EL33L Series:
-3.0V to -3.8V.
PRODUCT ORDERING CODE
3.3V
5V
Ordering
Package
Operating
VEE Range
Code
Type
Range
(V)
SY10EL33LZC
Z8-1
Commercial
-3.0 to -3.8
SY10EL33LZCTR
Z8-1
Commercial
-3.0 to -3.8
SY100EL33LZC
Z8-1
Commercial
-3.0 to -3.8
SY100EL33LZCTR
Z8-1
Commercial
-3.0 to -3.8
Ordering
Package
Operating
VEE Range
Code
Type
Range
(V)
SY10EL33ZC
Z8-1
Commercial
-4.75 to -5.5
SY10EL33ZCTR
Z8-1
Commercial
-4.75 to -5.5
SY100EL33ZC
Z8-1
Commercial
-4.2 to -5.5
SY100EL33ZCTR
Z8-1
Commercial
-4.2 to -5.5


Similar Part No. - SY100EL33ZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL33ZCTR MICREL-SY100EL33ZCTR Datasheet
473Kb / 4P
   5V/3.3V 첨 4 DIVIDER
More results

Similar Description - SY100EL33ZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL33 MICREL-SY10EL33_06 Datasheet
473Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EL32V MICREL-SY10EL32V Datasheet
49Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EP32V MICREL-SY10EP32V Datasheet
132Kb / 9P
   5V/3.3V 첨 2 DIVIDER
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
logo
Mitel Networks Corporat...
SP8804 MITEL-SP8804 Datasheet
94Kb / 5P
   3.3GHz 첨 4 fixed Modulus Divider
SP8904 MITEL-SP8904 Datasheet
95Kb / 6P
   5GHZ 첨 4 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
   3.3GHZ 첨 4 Fixed Modulus Divider
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com