Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC3417 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC3417
Description  1.0A Synchronous Step-Up Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC3417 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC3417 Datasheet HTML 1Page - Analog Intergrations Corporation AIC3417 Datasheet HTML 2Page - Analog Intergrations Corporation AIC3417 Datasheet HTML 3Page - Analog Intergrations Corporation AIC3417 Datasheet HTML 4Page - Analog Intergrations Corporation AIC3417 Datasheet HTML 5Page - Analog Intergrations Corporation AIC3417 Datasheet HTML 6Page - Analog Intergrations Corporation AIC3417 Datasheet HTML 7Page - Analog Intergrations Corporation AIC3417 Datasheet HTML 8Page - Analog Intergrations Corporation AIC3417 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AIC3417
2
ORDERING INFORMATION
Example: AIC3417-1GDCTR
 Active High Enable, in DFN-10
with Heat Sink Green Package
and Tape & Reel Packing Type
PIN CONFIGURATION
DFN-10 with
Exposed Pad (Heat Sink)
TOP VIEW
AIC3417-XXXX XX
PACKING TYPE
TR: TAPE & REEL
BG: BAG
PACKAGE TYPE
DC: DFN-10 with Exposed Pad
R8: SOP-8 with Exposed Pad
G: Green Package
ENABLE TYPE
-0: Active Low Enable
-1: Active High Enable
1
3
2
5
4
EN
VOUT
FB
LBO
GND
10
8
9
6
7
LBI
VIN
PGND
LX
PGOOD
Exposed
Pad
GND
LBI
LX
PGND
VIN
FB
VOUT
LBO
EN
SOP-8 with Exposed Pad (Heat Sink)
TOP VIEW
Note: The exposed pad should be connected with
GND pin.
1
3
2
4
5
8
6
7


Similar Part No. - AIC3417

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC3412 AIC-AIC3412 Datasheet
394Kb / 9P
   Low IQ High Light Load Efficiency
AIC3413 AIC-AIC3413 Datasheet
252Kb / 10P
   1.2MHz Synchronous Step-Up Converter
AIC3415 AIC-AIC3415 Datasheet
251Kb / 11P
   1.2MHz Synchronous Step-Up Converter
More results

Similar Description - AIC3417

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6920DB STMICROELECTRONICS-L6920DB Datasheet
399Kb / 16P
   Synchronous rectifier step up converter
logo
Analog Intergrations Co...
AIC3413 AIC-AIC3413 Datasheet
252Kb / 10P
   1.2MHz Synchronous Step-Up Converter
AIC3415 AIC-AIC3415 Datasheet
251Kb / 11P
   1.2MHz Synchronous Step-Up Converter
logo
STMicroelectronics
L6920DC STMICROELECTRONICS-L6920DC Datasheet
398Kb / 16P
   Synchronous rectifier step up converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510 Datasheet
221Kb / 10P
   1.0A, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3603 FOSLINK-FSP3603 Datasheet
329Kb / 9P
   1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
logo
Eutech Microelectronics...
EUP2410 EUTECH-EUP2410 Datasheet
127Kb / 1P
   1.6A, 500KHz Synchronous Step-up Converter
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
   Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
   Synchronous Step-Up DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
   DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com