Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC3417 Datasheet(PDF) 10 Page - Analog Intergrations Corporation

Part # AIC3417
Description  1.0A Synchronous Step-Up Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC3417 Datasheet(HTML) 10 Page - Analog Intergrations Corporation

Back Button AIC3417 Datasheet HTML 5Page - Analog Intergrations Corporation AIC3417 Datasheet HTML 6Page - Analog Intergrations Corporation AIC3417 Datasheet HTML 7Page - Analog Intergrations Corporation AIC3417 Datasheet HTML 8Page - Analog Intergrations Corporation AIC3417 Datasheet HTML 9Page - Analog Intergrations Corporation AIC3417 Datasheet HTML 10Page - Analog Intergrations Corporation AIC3417 Datasheet HTML 11Page - Analog Intergrations Corporation AIC3417 Datasheet HTML 12Page - Analog Intergrations Corporation AIC3417 Datasheet HTML 13Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AIC3417
10
APPLICATION INFORMATION
The AIC3417 is a synchronous step-up DC-DC con-
verter. It is based on constant Off Time/PSM controller
topology. At the beginning of each clock cycle, the main
switch (NMOS) is turned on and the inductor current
starts to ramp. After the sense current signal equals the
error amplifier (EA) output, the main switch is turned off
and the synchronous switch (PMOS) is turned on. The
device can operate with an input voltage below 2.5V;
the typical start-up voltage is 0.9V.
Current Limit Protection
The over current protection can limit the main switch
current. The output voltage will be dropped when over
current is happened. The over current protection circuit
will turn off the main switch once the current exceeds
its threshold.
Zero Current Detection
The zero current comparator monitors the inductor
current to the output and shuts off the synchronous
rectifier when the inductor current reduces to zero. This
prevents the inductor current from reversing in polarity
and improves the efficiency at light load condition.
Device Shutdown
For the active high version, when EN is set logic high or
floating, the AIC3417 is put into active mode operation.
If EN is set logic low, the device is put into shutdown
mode and consumes less
than 1μA. At the shutdown
mode, the synchronous switch will turn off and the
output voltage of AIC3417 step-up converter will reduce
to 0V. After start-up, the internal circuitry is supplied by
VOUT. However, if shutdown mode is enabled, the
internal circuitry will be supplied by the input source
again.
Low-Battery Detection
AIC3417 contains an on-chip comparator with 10mV
internal hysteresis for low battery detection. If the
voltage at LBI falls below 0.5V, LBO (an open-drain
output) sinks current to GND. The component value of
resistor R5 connecting between LBO pin and VOUT pin
should be larger than 1M
.
Power Good Indicator
AIC3417 contains an on-chip comparator for power
good detection. If the output voltage is lower than
power good low threshold, PGOOD (an open-drain
output) sinks current to GND.
Adjustable Output Voltage
An external resistor divider is used to set the output
voltage. The output voltage of the switching regulator
(VOUT) is determined by the following equation:


4
3
FB
OUT
R
R
1
V
V
Where VFB is 0.5V reference voltage.
Input Inductor Selection
A 1
μH~3.3μH input inductor is recommended for most
AIC3417 applications. Although small size and high
efficiency are major concerns, the inductor should have
low core losses at operation frequency and low DCR
(copper wire resistance). It is important to ensure the
inductor saturation current exceeding the peak inductor
current in application to prevent core saturation. For
CCM (Continuous Conduction Mode) operation, the
peak inductor current can be calculated from:
L
f
2
D
V
I
I
S
)
MAX
(
)
MIN
(
IN
MAX
IN
PEAK
L
f
2
D
V
V
V
I
S
)
MAX
(
)
MIN
(
IN
)
MIN
(
IN
OUT
)
MAX
(
OUT
Input Capacitor Selection
Surfaces mount 10
μF or greater, X5R or X7R, ceramic
capacitor is suggested for the input capacitor. The input
capacitor provides a low impedance loop for the edges
of pulsed current drawn by the AIC3417. Low ESR/ESL
X7R and X5R ceramic capacitors are ideal for this
function. To minimize stray inductance, the capacitor
should be placed as close as possible to the IC. This
keeps the high frequency content of the input current


Similar Part No. - AIC3417

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC3412 AIC-AIC3412 Datasheet
394Kb / 9P
   Low IQ High Light Load Efficiency
AIC3413 AIC-AIC3413 Datasheet
252Kb / 10P
   1.2MHz Synchronous Step-Up Converter
AIC3415 AIC-AIC3415 Datasheet
251Kb / 11P
   1.2MHz Synchronous Step-Up Converter
More results

Similar Description - AIC3417

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6920DB STMICROELECTRONICS-L6920DB Datasheet
399Kb / 16P
   Synchronous rectifier step up converter
logo
Analog Intergrations Co...
AIC3413 AIC-AIC3413 Datasheet
252Kb / 10P
   1.2MHz Synchronous Step-Up Converter
AIC3415 AIC-AIC3415 Datasheet
251Kb / 11P
   1.2MHz Synchronous Step-Up Converter
logo
STMicroelectronics
L6920DC STMICROELECTRONICS-L6920DC Datasheet
398Kb / 16P
   Synchronous rectifier step up converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510 Datasheet
221Kb / 10P
   1.0A, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3603 FOSLINK-FSP3603 Datasheet
329Kb / 9P
   1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
logo
Eutech Microelectronics...
EUP2410 EUTECH-EUP2410 Datasheet
127Kb / 1P
   1.6A, 500KHz Synchronous Step-up Converter
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
   Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
   Synchronous Step-Up DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
   DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com