Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3212 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV320AIC3212
Description  TLV320AIC3212 Ultra-Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3212 Datasheet(HTML) 4 Page - Texas Instruments

  TLV320AIC3212_15 Datasheet HTML 1Page - Texas Instruments TLV320AIC3212_15 Datasheet HTML 2Page - Texas Instruments TLV320AIC3212_15 Datasheet HTML 3Page - Texas Instruments TLV320AIC3212_15 Datasheet HTML 4Page - Texas Instruments TLV320AIC3212_15 Datasheet HTML 5Page - Texas Instruments TLV320AIC3212_15 Datasheet HTML 6Page - Texas Instruments TLV320AIC3212_15 Datasheet HTML 7Page - Texas Instruments TLV320AIC3212_15 Datasheet HTML 8Page - Texas Instruments TLV320AIC3212_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
TLV320AIC3212
SLAS784A – MARCH 2012 – REVISED SEPTEMBER 2015
www.ti.com
6 Device Comparison Table
PARAMETRICS
TLV320AIC3212
TLV320AIC3262
TLV320AIC3268
TLV320AIC3204
TLV320AIC3254
DACs (number)
2
2
2
2
2
ADCs (number)
2
2
2
2
2
Number of Inputs / Number
8/7
8/7
8/7
6/4
6/4
of Outputs
Resolution (Bits)
16, 20, 24, 32
16, 20, 24, 32
16, 20, 24, 32
16, 20, 24, 32
16, 20, 24, 32
Control Interface
I2C, SPI
I2C, SPI
I2C, SPI
I2C, SPI
I2C, SPI
Digital Audio Interface
I2S, TDM, DSP,
I2S, TDM, DSP,
I2S, TDM, DSP,
I2S, TDM, DSP,
I2S, TDM, DSP, L&R
L&R, PCM
L&R, PCM
L&R, PCM
L&R
Number of of Digital Audio
3
3
3
1
1
Interfaces
Speaker Amplifier Type
Class-D
Class-D
Class-D
Configurable miniDSP
No
Yes
Yes
No
Yes
Headphone Driver
Yes
Yes
Yes
Yes
Yes
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TLV320AIC3212


Similar Part No. - TLV320AIC3212_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3212 TI1-TLV320AIC3212_15 Datasheet
1Mb / 78P
[Old version datasheet]   Ultra-Low Power Stereo Audio Codec
More results

Similar Description - TLV320AIC3212_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3212 TI1-TLV320AIC3212 Datasheet
1Mb / 61P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320AIC3268 TI-TLV320AIC3268_15 Datasheet
4Mb / 263P
[Old version datasheet]   TLV320AIC3268 Low Power Stereo Audio Codec With 105dB DAC, DirectPath Headphone and Class-D Speaker Amplifier and Integrated miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com