Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3254 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV320AIC3254
Description  TLV320AIC3254 Ultra Low Power Stereo Audio Codec with Embedded miniDSP
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3254 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV320AIC3254_15 Datasheet HTML 6Page - Texas Instruments TLV320AIC3254_15 Datasheet HTML 7Page - Texas Instruments TLV320AIC3254_15 Datasheet HTML 8Page - Texas Instruments TLV320AIC3254_15 Datasheet HTML 9Page - Texas Instruments TLV320AIC3254_15 Datasheet HTML 10Page - Texas Instruments TLV320AIC3254_15 Datasheet HTML 11Page - Texas Instruments TLV320AIC3254_15 Datasheet HTML 12Page - Texas Instruments TLV320AIC3254_15 Datasheet HTML 13Page - Texas Instruments TLV320AIC3254_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
TLV320AIC3254
SLAS549D – SEPTEMBER 2008 – REVISED NOVEMBER 2014
www.ti.com
8.6 Electrical Characteristics, Bypass Outputs
At 25°C, AVDD, DVDD, IOVDD = 1.8V, LDOIN = 3.3V, AVDD and DVDD LDO disabled, fs (Audio) = 48kHz, Cref = 10µF on REF
pin, PLL disabled unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG BYPASS TO HEADPHONE AMPLIFIER, DIRECT MODE
Load = 16
Ω (single-ended), 50pF;
Input and Output CM = 0.9V;
Headphone Output on LDOIN Supply;
Device Setup
IN1_L routed to HPL and IN1_R routed to
HPR;
Channel Gain = 0dB
Gain Error
–0.8
dB
Idle Channel, IN1_L and IN1_R ac-shorted to
Noise, A-weighted(1)
3
μVRMS
ground
THD
Total Harmonic Distortion
446mVrms, 1kHz input signal
–89
dB
ANALOG BYPASS TO LINE-OUT AMPLIFIER, PGA MODE
Load = 10k
Ω (single-ended), 56pF;
Input and Output CM = 0.9V;
LINE Output on LDOIN Supply;
Device Setup
IN1_L routed to ADCPGA_L and IN1_R
routed to ADCPGA_R; Rin = 20kΩ
ADCPGA_L routed to LOL and ADCPGA_R
routed to LOR; Channel Gain = 0dB
Gain Error
0.6
dB
Idle Channel,
7
μVRMS
IN1_L and IN1_R ac-shorted to ground
Noise, A-weighted(1)
Channel Gain = 40dB,
Input Signal (0dB) = 5mVrms
3.4
μVRMS
Inputs ac-shorted to ground, Input Referred
(1)
All performance measured with 20kHz low-pass filter and, where noted, A-weighted filter. Testing without such a filter may result in
higher THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter removes
out-of-band noise, which, although not audible, may affect dynamic specification values.
10
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TLV320AIC3254


Similar Part No. - TLV320AIC3254_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3254 TI1-TLV320AIC3254_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
More results

Similar Description - TLV320AIC3254_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI-TLV320AIC3253 Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_14 Datasheet
1,012Kb / 45P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254-Q1 TI1-TLV320AIC3254-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI1-TLV320AIC3253_13 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256_15 Datasheet
1Mb / 52P
[Old version datasheet]   TLV320AIC3256 Ultra Low Power Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com