Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU3503 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJU3503
Description  4-BIT SINGLE CHIP MICRO CONTROLLER???
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU3503 Datasheet(HTML) 5 Page - New Japan Radio

  NJU3503 Datasheet HTML 1Page - New Japan Radio NJU3503 Datasheet HTML 2Page - New Japan Radio NJU3503 Datasheet HTML 3Page - New Japan Radio NJU3503 Datasheet HTML 4Page - New Japan Radio NJU3503 Datasheet HTML 5Page - New Japan Radio NJU3503 Datasheet HTML 6Page - New Japan Radio NJU3503 Datasheet HTML 7Page - New Japan Radio NJU3503 Datasheet HTML 8Page - New Japan Radio NJU3503 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
5
NJU3503
„# TERMINAL DESCRIPTION 2
No.
NJU
3503M
NJU
3503L
SYMBOL
INPUT/OUTPUT
F U N C T I O N S
12
13
14
11
12
13
AIN4 / PE0
AIN5 / PE1
PE2
AIN4, AIN5:
INPUT
PE0 to PE2:
INPUT/OUTPUT
3-bit Input / Output PORTE.
Selects a function of either of 1) or 2) for PORTE by the
mask option.
1) 2bit Analog Input to A/D Converter. : AIN4,AIN5
(AD)
2) 3-bit Input / Output Terminals as PORTE.
Selects a terminal circuit for each port from follows by the
mask option.
xC-MOS Input Terminal with Pull-up Resistance (ICP)
xC-MOS Input Terminal (IC)
xNch-FET Open-Drain Output Terminal with Pull-up
Resistance
(ONP)
xNch-FET Open-Drain Output Terminal (ON)
15
14
VSS
Power Source ( 0V )
16
17
15
16
OSC1
OSC2
INPUT
OUTPUT
Internal Oscillator Terminals.
Connects a device selected from the ceramic or the crystal
resonator, or the resistor, to these terminals for the internal
oscillator.
In the external clock operation, OSC1 is the external clock
input terminal and OSC2 is normally open terminal.
19
17
TEST
INPUT
Maker Testing Terminal with Pull-down Resistance
The terminal is recommended to connect to GND.
20
21
18
19
EXTI / PF0
CNTI / PF1
INPUT
INPUT
2-bit Input PORTF.
Selects a function of either of 1) or 2) for PORTF by the
mask option.
1) External Interrupt Input Terminal with Pull up
resistance :EXTI
( IIP,II, P / F )
External Clock Input Terminal with Pull up resistance
for Timer2 :CNTI
(IIP,II)
2) 2-bit Input Terminals as PORTF.
Selects a terminal circuit for each port from follows by the
mask option.
xC-MOS Schmitt Trigger Input Terminal with
Pull-up Resistance
(ISP)
xC-MOS Schmitt Trigger Input Terminal (IS)
22
23
20
21
SDO
/ PG0
SDI(O)/ PG1
SDO :OUTPUT
PG0 :OUTPUT
SDI(O) :INOUT
PG1 :
INPUT/OUTPUT
2-bit Input / Output PORTG.
Selects a function of either of 1) or 2) for PORTG by the
mask option.
1) Serial Interface Function
Serial Data Output Terminal : SDO
(SO)
Serial Data Input-Output Terminal with Pull-up
Resistance : SDI(O)
(SDP)
2) 2-bit Input / Output Terminals as PORTG.
Selects a terminal circuit for each port from follows by the
mask option.
xC-MOS Input Terminal with Pull-up Resistance (ICP):PG1
xC-MOS Input Terminal
(IC)
: PG1
xC-MOS Output Terminal (OC) : PG0,PG1
Note )
INPUT/OUTPUT : Input or Output is selected by the mask option.
INOUT
: Input or Output is changed by the program.


Similar Part No. - NJU3503

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3501 NJRC-NJU3501 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3501D NJRC-NJU3501D Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3501G NJRC-NJU3501G Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3502 NJRC-NJU3502 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3502L NJRC-NJU3502L Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
More results

Similar Description - NJU3503

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3501 NJRC-NJU3501 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3502 NJRC-NJU3502 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3504 NJRC-NJU3504 Datasheet
1Mb / 62P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3505 NJRC-NJU3505 Datasheet
2Mb / 64P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Megawin Technology Co.,...
MG69L951 MEGAWIN-MG69L951 Datasheet
411Kb / 30P
   Single chip 8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com